Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics L9915-CB Datasheet HTML 15Page - STMicroelectronics L9915-CB Datasheet HTML 16Page - STMicroelectronics L9915-CB Datasheet HTML 17Page - STMicroelectronics L9915-CB Datasheet HTML 18Page - STMicroelectronics L9915-CB Datasheet HTML 19Page - STMicroelectronics L9915-CB Datasheet HTML 20Page - STMicroelectronics L9915-CB Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DocID026400 Rev 1
17/21
L9915
Electrical specification
20
3.3.7
Load response control function (LRC)
When an electrical load is applied to the system application, a drop in the regulated voltage
(VB) occurs and the alternator reacts by increasing output current. If the LRC function is
active then the alternator output current is controlled by the Field current variation strategy
that is directly linked to the duty cycle on Field signal.
The LRC function can operate when the alternator runs at low speed (the PH signal
frequency has to be lower than fPLRC) and it is activated when a positive variation between
current duty cycle on Field and its previous duty cycle values is higher than DFLRCEnab.
When the LRC function is required, the duty cycle increase slowly with the defined slope
DFLRCUP starting with the previous duty cycle increases by the fixed value DFLRCBZ. The
actual duty cycle management during a LRC insertion is shown in the Figure 12.
Figure 12. Load response control function (LRC) diagram
Table 12. Load response control function characteristics
Symbol
Parameter
Test condition
MIN
TYP
MAX
Unit
DFLRCUP
Positive duty cycle vs.
time variation
-
100 / TFLRCUP
%/s
TFLRCDW
Load response control
Time (100% to 0% DC)
-TFLRCUP * 3 / 8
s
DFLRCDW
Negative duty cycle vs.
time variation
-
- 100 / TFLRCDW
%/s
DFLRCEnab
Current vs. previous
duty cycle variation to
enable LRC function
-
4.1
6.7
9.2
%
DFLRCBZ
Blind zone
-
2.6
5.3
7.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com