Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 12Page - STMicroelectronics L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics L9915-CB Datasheet HTML 15Page - STMicroelectronics L9915-CB Datasheet HTML 16Page - STMicroelectronics L9915-CB Datasheet HTML 17Page - STMicroelectronics L9915-CB Datasheet HTML 18Page - STMicroelectronics L9915-CB Datasheet HTML 19Page - STMicroelectronics L9915-CB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Electrical specification
L9915
16/21
DocID026400 Rev 1
3.3.6
Pin “F”
Table 11. Electrical characteristics - Pin "F"
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VFsat
Field driver saturation voltage
Tj = 130 °C; Isunk = 4.5 A
-
-
0.6
V
Tj = 25 °C; Isunk = 7 A
-
-
0.55
V
VFdiode Freewheeling diode
Isourced = 5 A
-2
-
-
V
IFleak
Field leakage current
VB = 24 V; VF = 0
-
-
5
μA
IFOVP
Field driver over-current
protection
Tj = -40 °C
9
-
15
A
Tj = 25 °C
8.5
-
15
A
Tj = 130 °C
8.5
-
15
A
TFretry
Retry time in case of over-
current
30
40
50
ms
VFONdet
Voltage threshold
on-state detection
-
0.9
1.1
1.3
V
fFSW
Field switching frequency
-
212.5
250
287.5
Hz
TFrise
Field voltage rise time
-
5
-
25
μs
TFfall
Field voltage fall time
-
5
-
25
μs
DFPreex Field duty cycle in pre-excitation -
11
12.5
14
%
DFSS
Field duty cycle in self start
-
4
6
8
%
DFef
Field duty cycle during
excitation FIXED
-
345
%
TFLRCUP
Load response control time
(0 % to 100 % DC)
--
5
-
s
TFSDT
Start delay time in internal mode
only
-
4.25
5
5.75
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com