Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 2 Page - Texas Instruments

  DRV5032 Datasheet HTML 1Page - Texas Instruments DRV5032 Datasheet HTML 2Page - Texas Instruments DRV5032 Datasheet HTML 3Page - Texas Instruments DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Magnetic Characteristics.............................................6
6.7 Typical Characteristics................................................ 7
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Applications.................................................. 16
8.3 Best Design Practices...............................................20
8.4 Power Supply Recommendations.............................21
8.5 Layout....................................................................... 21
9 Device and Documentation Support............................22
9.1 Documentation Support............................................ 22
9.2 Receiving Notification of Documentation Updates....22
9.3 Support Resources................................................... 22
9.4 Trademarks...............................................................22
9.5 Electrostatic Discharge Caution................................22
9.6 Glossary....................................................................22
10 Revision History.......................................................... 22
11 Mechanical, Packaging, and Orderable
Information.................................................................... 23
4 Device Comparison
Table 4-1. Device Comparison
VERSION
MAXIMUM
THRESHOLD
MAGNETIC
RESPONSE
OUTPUT
TYPE
SAMPLING
RATE
PACKAGES
AVAILABLE
DRV5032DG
3.4 mT
Unipolar
Push-pull
80 Hz
X2SON
DRV5032DU
3.9 mT
Unipolar
Push-pull
20 Hz
SOT-23, X2SON, TO-92
DRV5032FA
4.8 mT
Omnipolar
Push-pull
20 Hz
SOT-23, X2SON, TO-92
DRV5032FB
Omnipolar
Push-pull
5 Hz
SOT-23, X2SON
(1), TO-92
DRV5032FC
Omnipolar
Open-drain
20 Hz
SOT-23, TO-92
DRV5032FD
Unipolar
Push-pull
20 Hz
X2SON, TO-92
DRV5032AJ
9.5 mT
Omnipolar
Open-drain
20 Hz
SOT-23, X2SON, TO-92
DRV5032ZE
63 mT
Omnipolar
Open-drain
20 Hz
SOT-23, TO-92
(1)
Preview information (not Production Data).
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com