Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 1 Page - Texas Instruments

  DRV5032 Datasheet HTML 1Page - Texas Instruments DRV5032 Datasheet HTML 2Page - Texas Instruments DRV5032 Datasheet HTML 3Page - Texas Instruments DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
1 Features
• Industry-leading ultra-low power consumption
– 5Hz version: 0.54µA
– 20Hz versions: 1.3µA
– 80Hz version: 5.2µA
• Operating VCC range: 1.65V to 5.5V
• Operating temperature range: –40°C to +85°C
• Magnetic threshold options (maximum BOP):
– DG Version: 3.4mT
– DU Version: 3.9mT
– FA, FB, FC, FD Versions: 4.8mT
– AJ Version: 9.5mT
– ZE Version: 63mT
• Omnipolar and unipolar options
• Open-drain and push-pull output options
• SOT-23, X2SON and TO-92 package options
2 Applications
• Battery-critical position sensing
• Electricity meter tamper detection
• Cell Phone, laptop, or tablet case sensing
• E-locks, smoke detectors, appliances
• Medical devices, IoT systems
• Valve or solenoid position detection
• Contactless diagnostics or activation
3 Description
The DRV5032 device is an ultra-low-power digital-
switch Hall effect sensor, designed for the most
compact and battery-sensitive systems. The device
is offered in multiple magnetic thresholds, sampling
rates, output drivers, and packages to accommodate
various applications.
When the applied magnetic flux density exceeds the
BOP threshold, the device outputs a low voltage. The
output stays low until the flux density decreases to
less than BRP, and then the output either drives a
high voltage or becomes high impedance, depending
on the device version. By incorporating an internal
oscillator, the device samples the magnetic field and
updates the output at a rate of 80Hz, 20Hz or 5Hz
for the lowest current consumption. Omnipolar and
unipolar magnetic responses are available.
The device operates from a VCC range of 1.65V to
5.5V, and is packaged in a standard SOT-23, TO-92
and small X2SON.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
DRV5032
DBZ (SOT-23, 3)
2.92mm × 2.37mm
DMR (X2SON, 4)
1.4mm × 1.1mm
LPG (TO-92, 3)
4mm × 1.52mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OUT
DRV5032
GPIO
VCC
Controller
VCC
GND
distance
N S
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
Typical Schematic
Temperature (
C)
-40
-10
20
50
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.65V
3V
5.5V
Current Consumption of 5Hz Version
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV5032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 37P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032 Datasheet
1Mb / 40P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
logo
Texas Instruments
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com