Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments DRV5032 Datasheet HTML 10Page - Texas Instruments DRV5032 Datasheet HTML 11Page - Texas Instruments DRV5032 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.7 Typical Characteristics (continued)
Supply Voltage (V)
1.5
2.5
3.5
4.5
5.5
1
2
3
4
5
6
FA, FB, FC, FD Versions
AJ Version
DG, DU Versions
Figure 6-7. |BRP| vs VCC
Temperature (°C)
-40
-10
20
50
80
30
35
40
45
50
55
60
D020
Figure 6-8. ZE Version |BOP| vs Temperature
Temperature (°C)
-40
-10
20
50
80
30
35
40
45
50
55
60
D021
Figure 6-9. ZE Version |BRP| vs Temperature
Supply Voltage (V)
1.5
2.5
3.5
4.5
5.5
45
46
47
48
49
50
D018
Figure 6-10. ZE Version |BOP| vs VCC
Supply Voltage (V)
1.5
2.5
3.5
4.5
5.5
40
41
42
43
44
45
D019
Figure 6-11. ZE Version |BRP| vs VCC
Magnetic Threshold Operate Point (mT)
4
5
6
7
8
9
9.5
0
0.5
1
1.5
2
D102
TA = 25°C, VCC = 1.65 V to 5.5 V
Figure 6-12. AJ Version BOP Probability Density Function
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com