Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5032 Datasheet HTML 2Page - Texas Instruments DRV5032 Datasheet HTML 3Page - Texas Instruments DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments DRV5032 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6.6 Magnetic Characteristics
for VCC = 1.65V to 5.5V, over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DG VERSION
BOP
Magnetic threshold operate point
OUT1 pin (north)(2)
TA = 25C
–3.32
–2.5
–1.72
mT
OUT1 pin (north)(2)
–3.40
–2.5
–1.56
OUT2 pin (south)
TA = 25C
1.72
2.5
3.32
OUT2 pin (south)
1.56
2.5
3.40
BRP
Magnetic threshold release point
OUT1 pin (north)(2)
TA = 25C
–2.62
–1.8
–1.17
mT
OUT1 pin (north)(2)
–2.73
–1.8
–0.9
OUT2 pin (south)
TA = 25C
1.17
1.8
2.62
OUT2 pin (south)
0.9
1.8
2.73
BHYS
Magnetic hysteresis: |BOP – BRP|
Each output
TA = 25C
0.21
0.7
1.19
mT
Magnetic hysteresis: |BOP – BRP|
Each output
0.13
0.7
1.27
DU VERSION
BOP
Magnetic threshold operate point
OUT1 pin (north)(2)
–3.9
–2.5
–1.2
mT
Magnetic threshold operate point
OUT2 pin (south)
1.2
2.5
3.9
BRP
Magnetic threshold release point
OUT1 pin (north)(2)
–3.5
–1.8
–0.9
mT
Magnetic threshold release point
OUT2 pin (south)
0.9
1.8
3.5
BHYS
Magnetic hysteresis: |BOP – BRP|
Each output
0.1
0.7
1.9
mT
FA, FB, FC VERSIONS
BOP
Magnetic threshold operate point
±1.5
±3
±4.8
mT
BRP
Magnetic threshold release point
±0.5
±1.5
±3
mT
BHYS
Magnetic hysteresis: |BOP – BRP|
0.8
1.5
3
mT
FD VERSION
BOP
Magnetic threshold operate point
OUT1 pin (north)(2)
–4.8
–3
–1.5
mT
OUT2 pin (south)
1.5
3
4.8
BRP
Magnetic threshold release point
OUT1 pin (north)(2)
–3
–1.5
–0.5
mT
OUT2 pin (south)
0.5
1.5
3
BHYS
Magnetic hysteresis: |BOP – BRP|
Each output
0.8
1.5
3
mT
AJ VERSION
BOP
Magnetic threshold operate point
±4
±7
±9.5
mT
BRP
Magnetic threshold release point
±3
±5.6
±7.5
mT
BHYS
Magnetic hysteresis: |BOP – BRP|
0.5
1.4
3
mT
ZE VERSION
BOP
Magnetic threshold operate point
±33
±47
±63
mT
BRP
Magnetic threshold release point
±30
±43
±58
mT
BHYS
Magnetic hysteresis: |BOP – BRP|
1.2
4
8.5
mT
(1)
For a graphical description of magnetic thresholds, see the Magnetic Responsesection.
(2)
X2SON package only.
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com