Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 3 Page - Texas Instruments

  DRV5032 Datasheet HTML 1Page - Texas Instruments DRV5032 Datasheet HTML 2Page - Texas Instruments DRV5032 Datasheet HTML 3Page - Texas Instruments DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Pin Configuration and Functions
GND
VCC
OUT
1
2
3
Figure 5-1. FA, FB, FC, AJ, ZE Versions DBZ
Package 3-Pin SOT-23 Top View
GND
VCC
OUT2
1
2
3
Figure 5-2. DU Version DBZ Package 3-Pin SOT-23
Top View
1
4
2
3
GND
VCC
OUT
NC
Therm al
Pad
Figure 5-3. FA, AJ Versions DMR Package 4-Pin
X2SON Top View
1
4
2
3
GND
VCC
OUT1
OUT2
Therm al
Pad
Figure 5-4. DU, DG, FD Versions DMR Package 4-
Pin X2SON Top View
1
VCC
2
GND
3
OUT
Figure 5-5. FA, FB, FC, AJ, ZE Versions LPG
Package 3-Pin TO-92 Top View
1
VCC
2
GND
3
OUT2
Figure 5-6. DU, FD Versions LPG Package 3-Pin
TO-92 Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
(FA, FB,
FC, AJ, ZE)
SOT-23
(DU)
TO-92
(FA, FB,
FC, AJ,
ZE)
TO-92
(DU, FD)
X2SON
(FA, AJ)
X2SON
(DU, DG,
FD)
GND
3
3
2
2
2
2
—
Ground reference
OUT
2
—
3
—
4
—
O
Omnipolar output that responds to north and south magnetic poles
OUT1
—
—
—
—
—
4
O
Unipolar output that responds to north magnetic poles near the top
of the package
OUT2
—
2
—
3
—
3
O
Unipolar output that responds to south magnetic poles near the
top of the package
NC
—
—
—
—
3
—
—
No-connect. This pin is not connected to the silicon. Leave this
pin floating or tied to ground. Solder the pin to the board for
mechanical support.
VCC
1
1
1
1
1
1
—
1.65-V to 5.5-V power supply. TI recommends connecting this pin
to a ceramic capacitor to ground with a value of at least 0.1 µF.
Thermal
Pad
—
—
—
—
PAD
PAD
—
No-connect. Leave this pin floating or tied to ground. Solder the
pin to the board for mechanical support.
www.ti.com
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com