Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV5032 Datasheet HTML 9Page - Texas Instruments DRV5032 Datasheet HTML 10Page - Texas Instruments DRV5032 Datasheet HTML 11Page - Texas Instruments DRV5032 Datasheet HTML 12Page - Texas Instruments DRV5032 Datasheet HTML 13Page - Texas Instruments DRV5032 Datasheet HTML 14Page - Texas Instruments DRV5032 Datasheet HTML 15Page - Texas Instruments DRV5032 Datasheet HTML 16Page - Texas Instruments DRV5032 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
B
south
north
OUT1
0 mT
0V
VCC
BOP
BRP
BHYS
B
north
south
OUT2
0 mT
0V
VCC
BOP
BRP
BHYS
Figure 7-4. Unipolar Functionality
7.3.2.3 Output Type
The DU, DG, FA, FB, and FD device versions have push-pull CMOS outputs that can drive a VCC or ground
level. The FC, AJ, and ZE device versions have open-drain outputs that can become high impedance or drive
ground. For these versions, an external pullup resistor must be used.
VCC
Output
Output
Control
Figure 7-5. Push-Pull Output (Simplified)
Output
Output
Control
Figure 7-6. Open-Drain Output (Simplified)
7.3.2.4 Sampling Rate
When the DRV5032 device powers up, it measures the first magnetic sample and sets the output within the tON
time. The output is latched, and the device enters an ultra-low-power sleep state. After each tS time, the device
measures a new sample and updates the output, if necessary. If the magnetic field does not change between
periods, the output does not change.
www.ti.com
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com