Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments DRV5032 Datasheet HTML 10Page - Texas Instruments DRV5032 Datasheet HTML 11Page - Texas Instruments DRV5032 Datasheet HTML 12Page - Texas Instruments DRV5032 Datasheet HTML 13Page - Texas Instruments DRV5032 Datasheet HTML 14Page - Texas Instruments DRV5032 Datasheet HTML 15Page - Texas Instruments DRV5032 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
7.3.2 Device Version Comparison
The following table lists the available device versions.
VERSION
MAXIMUM
THRESHOLD
MAGNETIC
RESPONSE
OUTPUT
TYPE
SAMPLING
RATE
PACKAGES
AVAILABLE
DRV5032DG
3.4 mT
Unipolar
Push-pull
80 Hz
X2SON
DRV5032DU
3.9 mT
Unipolar
Push-pull
20 Hz
SOT-23, X2SON, TO-92
DRV5032FA
4.8 mT
Omnipolar
Push-pull
20 Hz
SOT-23, X2SON, TO-92
DRV5032FB
Omnipolar
Push-pull
5 Hz
SOT-23, X2SON (
(1)), TO-92
DRV5032FC
Omnipolar
Open-drain
20 Hz
SOT-23, TO-92
DRV5032FD
Unipolar
Push-pull
20 Hz
X2SON, TO-92
DRV5032AJ
9.5 mT
Omnipolar
Open-drain
20 Hz
SOT-23, X2SON, TO-92
DRV5032ZE
63 mT
Omnipolar
Open-drain
20 Hz
SOT-23, TO-92
(1)
Preview information (not Production Data).
7.3.2.1 Magnetic Threshold
Devices that have a lower magnetic threshold detect magnets at a farther distance. Higher thresholds generally
require a closer distance or larger magnet.
7.3.2.2 Magnetic Response
The FA, FB, FC, AJ, and ZE device versions have omnipolar functionality, and these versions all respond to the
north and south poles the same way as shown in Figure 7-3.
B
south
north
OUT
0 mT
BOP
BRP
0V
VCC
BOP
BRP
BHYS
BHYS
Figure 7-3. Omnipolar Functionality
The DU, DG and FD device versions have unipolar functionality. Pin OUT1 only responds to flux in the top-down
direction (north), and pin OUT2 only responds to flux in the bottom-up direction (south).
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com