Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DRV5032 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 5 Page - Texas Instruments

  DRV5032 Datasheet HTML 1Page - Texas Instruments DRV5032 Datasheet HTML 2Page - Texas Instruments DRV5032 Datasheet HTML 3Page - Texas Instruments DRV5032 Datasheet HTML 4Page - Texas Instruments DRV5032 Datasheet HTML 5Page - Texas Instruments DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6.5 Electrical Characteristics
for VCC = 1.65V to 5.5V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PUSH-PULL OUTPUT DRIVER
VOH
High-level output voltage
IOUT = –1mA
VCC – 0.35
VCC – 0.1
V
VOL
Low-level output voltage
IOUT = 1mA
0.1
0.3
V
OPEN-DRAIN OUTPUT
IOZ
High impedance output leakage
current
VCC = 5.5V, OUT = 5.5V
5
100
nA
VOL
Low-level output voltage
IOUT = 1mA
0.1
0.3
V
DG VERSION
fS
Frequency of magnetic sampling
40
80
120
Hz
tS
Period of magnetic sampling
8
12.5
25
ms
ICC(AVG) Average current consumption
VCC = 1.8V
5.2
µA
VCC = 3V
5.7
7.9
VCC = 5V
6
DU, FA, FC, FD, AJ, ZE VERSIONS
fS
Frequency of magnetic sampling
13.3
20
37
Hz
tS
Period of magnetic sampling
27
50
75
ms
ICC(AVG) Average current consumption
VCC = 1.8V
1.3
µA
VCC = 3V
1.6
3.5
VCC = 5V
2.3
FB VERSION
fS
Frequency of magnetic sampling
3.5
5
8.5
Hz
tS
Period of magnetic sampling
117
200
286
ms
ICC(AVG)
Average current consumption
VCC = 1.8V
0.54
µA
Average current consumption
VCC = 3V
0.69
1.8
Average current consumption
VCC = 5V
1.06
ALL VERSIONS
ICC(PK)
Peak current consumption
2
2.7
mA
tON
Power-on time (see Figure 8-7)
55
100
µs
tACTIVE
Active time period (see Figure 8-7)
40
µs
www.ti.com
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com