Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 50Page - STMicroelectronics L99ASC03 Datasheet HTML 51Page - STMicroelectronics L99ASC03 Datasheet HTML 52Page - STMicroelectronics L99ASC03 Datasheet HTML 53Page - STMicroelectronics L99ASC03 Datasheet HTML 54Page - STMicroelectronics L99ASC03 Datasheet HTML 55Page - STMicroelectronics L99ASC03 Datasheet HTML 56Page - STMicroelectronics L99ASC03 Datasheet HTML 57Page - STMicroelectronics L99ASC03 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
ST-SPI Protocol
L99ASC03
54/73
DocID023504 Rev 7
4.4.2
Device Control Register 1
Device Control Register 1
Address:
0x1
Type:
R/W
Description:
In this register, device operating information is stored. This register is not set to
default in case of fail-safe errors.
76
5
4
3
2
1
0
Bit name
WDDIS
CPDIS
TEMPM
ICMP
VDD_VTH
STBYSEL
GOSTBY
WDTRIG
Default values
0
0
0
0
1
0
0
0
Bit Bit description
[7] WDDIS: WatchDog DISable (writable in FLASH mode only)
0: window watchdog enabled
1: window watchdog disabled
[6] CPDIS: Charge Pump DISable
0: charge pump enabled
1: charge pump disabled
[5] TEMPM: TEMPerature Mode selector
0: TW1 / TSD1 / TSD2 are active
1: TW1 / TW2 / TSD2 are active
[4] ICMP: VDD load current monitoring in VDD Standby Mode
0: monitoring enabled. The watchdog is disabled in VDD Standby Mode only if IVDD < ICMP
1: monitoring disabled. The watchdog is always disabled in VDD Standby mode
[3] VDD_VTH: VDD undervoltage monitoring reset threshold
0: low threshold selected
1: high threshold selected
[2] STBYSEL: STandBY SELect
0: VBAT Standby mode
1: VDD Standby mode
[1] GOSTBY: Go to Standby
0: no action
1: go-to-standby command (this bit is automatically cleared upon state transition).
[0] WDTRIG: WatchDog TRIGger Bit
Watchdog trigger bit (for a detailed description, please refer to Section 2.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com