Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 52Page - STMicroelectronics L99ASC03 Datasheet HTML 53Page - STMicroelectronics L99ASC03 Datasheet HTML 54Page - STMicroelectronics L99ASC03 Datasheet HTML 55Page - STMicroelectronics L99ASC03 Datasheet HTML 56Page - STMicroelectronics L99ASC03 Datasheet HTML 57Page - STMicroelectronics L99ASC03 Datasheet HTML 58Page - STMicroelectronics L99ASC03 Datasheet HTML 59Page - STMicroelectronics L99ASC03 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
ST-SPI Protocol
L99ASC03
56/73
DocID023504 Rev 7
4.4.4
Device Control Register 3
Device Control Register 3
Address:
0x3
Type:
R/W
Description:
In this register, dynamic BEMF parameters are set.
76
54
32
10
Bit name
BEMFSIGN
BEMFOS(2)
BEMFOS(1)
BEMFOS(0)
BEMFBY
BEMFCNT(2)
BEMFCNT(1)
BEMFCNT(0)
Default values
00
00
00
00
Bit Bit description
[7] BEMFSIGN: offset sign for BEMF
VSMS/2 comparator
0: threshold of BEMF
VSMS/2 comparator increased by offset
1: threshold of BEMF
VSMS/2 comparator decreased by offset
[6:4] BEMFOS: Offset Selection for BEMF
VSMS/2 comparator
000: BEMF offset = 0 V
001: BEMF offset = 0.0025 *
VSMS
010: BEMF offset = 0.005 *
VSMS
011: BEMF offset = 0.01 *
VSMS
100: BEMF offset = 0.02 *
VSMS
101: BEMF offset = 0.04 *
VSMS
110: BEMF offset = 0.08 *
VSMS
111: BEMF offset = 0.16 *
VSMS
[3] BEMFBY: BEMF comparator output sampling source selection
0: BEMF comparator output sampled on PWM edge, depending on BEMFMOD, BEMFPOL and
BEMFSW
1: BEMF comparator output sampled by internal system clock
[2:0] BEMFCNT: BEMF motor-phase/step counter (see Figure 25)
Step
Switch where
PWM is applied
Switch always on
BEMF monitored
at pin
000
Not used (phase multiplexer is OFF)
001
1
GH1 or GL1
GL2 or GH2
SH3
010
2
GH1 or GL1
GL3 or GH3
SH2
011
3
GH2 or GL2
GL3 or GH3
SH1
100
4
GH2 or GL2
GL1 or GH1
SH3
101
5
GH3 or GL3
GL1 or GH1
SH2
110
6
GH3 or GL3
GL2 or GH2
SH1
111
Not used (phase multiplexer is OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com