Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 51Page - STMicroelectronics L99ASC03 Datasheet HTML 52Page - STMicroelectronics L99ASC03 Datasheet HTML 53Page - STMicroelectronics L99ASC03 Datasheet HTML 54Page - STMicroelectronics L99ASC03 Datasheet HTML 55Page - STMicroelectronics L99ASC03 Datasheet HTML 56Page - STMicroelectronics L99ASC03 Datasheet HTML 57Page - STMicroelectronics L99ASC03 Datasheet HTML 58Page - STMicroelectronics L99ASC03 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
DocID023504 Rev 7
55/73
L99ASC03
ST-SPI Protocol
72
4.4.3
Device Control Register 2
Device Control Register 2
Address:
0x2
Type:
R/W
Description:
In this register static BEMF parameters and the drain-source monitoring parameters
are set.
76
54
32
10
Bit name
BEMFCM
BEMFDIR
BEMFMOD
BEMFPOL
BEMFSW
DSMFBT
DSMTH(1)
DSMTH(0)
Default values
00
00
00
00
Bit Bit description
[7] BEMFCM: BEMFCNT updating source selection
0: The BEMFCNT can be updated only via SPI
1: The BEMFCNT can be updated only via positive pulses applied at the BC input pin
[6] BEMFDIR: BEMFCNT update direction (active only if BEMFCM = 1)
0: BEMFCNT increased at each positive pulse at the BC input pin
1: BEMFCNT decreased at each positive pulse at the BC input pin
[5] BEMFMOD: BEMF comparator selection
0: BEMF GND comparator (if BEMFSW = 0) used for BEMF detection
0: BEMF
VSMS comparator (if BEMFSW = 1) used for BEMF detection
1: BEMF
VSMS/2 comparator used for BEMF detection
[4] BEMFPOL: BEMF sampling point selection (active only if BEMFMOD=0)
0: BEMF detection upon turn-on of the PWM switch
1: BEMF detection upon turn-off of the complementary PWM switch
[3] BEMFSW: PWM switching method to drive the external MOSFET in a half bridge
0: PWM signal applied on HS
1: PWM signal applied on LS
[2] DSMFBT: drain-source monitoring filter and blanking time
0: 1.2 µs blanking and filter time selected
1: 2.4 µs blanking and filter time selected
[1:0] DSMTH: Drain Source Monitor threshold
00: 0.5 V
01: 1.0 V
10: 1.5 V
11: 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com