Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 65Page - STMicroelectronics L99ASC03 Datasheet HTML 66Page - STMicroelectronics L99ASC03 Datasheet HTML 67Page - STMicroelectronics L99ASC03 Datasheet HTML 68Page - STMicroelectronics L99ASC03 Datasheet HTML 69Page - STMicroelectronics L99ASC03 Datasheet HTML 70Page - STMicroelectronics L99ASC03 Datasheet HTML 71Page - STMicroelectronics L99ASC03 Datasheet HTML 72Page - STMicroelectronics L99ASC03 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
DocID023504 Rev 7
69/73
L99ASC03
Revision history
72
6
Revision history
Table 39. Document revision history
Date
Revision
Changes
30-Jul-2012
1
Initial release
03-May-2013
2
Updated following sections:
– Section 2.1: Supply pins (VS, VSREG, VSMS)
– Section 2.1.1: VS, VSREG and VSMS overvoltage warning
– Section 2.1.2: VS, VSREG and VSMS overvoltage
– Section 2.1.3: VS, VSREG and VSMS undervoltage
– Section 2.2: VDD (5V) voltage regulator
– Section 2.3: NRES reset output
– Section 2.4: Watchdog
Updated Figure 8: Operating mode transitions
Removed Figure: BEMF block diagram
Table 5: Diagnostics overview:
– MCU, VDD, Charge pump: updated device action
Table 12: Supply and supply monitoring
–VSUV, VSREGUV, VSMSUV: updated test condition and values
Table 14: Voltage regulator VDD:
– VDD: added condition
–VDDLiR: removed row
Table 15: NRES reset output (VDD supervision), NINT:
–VRT2, VRT2H: updated values
Table 17: Charge pump output:
–VCP: updated minimum and maximum values
–VCPLOW: updated maximum value
Table 18: Gate driver for external MOSFET:
–IGHx(on), IGHx(off), IGLx(on), IGLx(off): updated values
–VGHxH: updated parameter definition
Table 19: Drain source monitoring:
–ISHx: updated typical value for ISTEST(x) = 1
Table 20: VS, VSREG, VSMS and Tj monitoring (AOUT):
–VSxOUT: updated test condition and values
–IAOUT: removed row
Table 21: Current-sense amplifier:
–VCS-IL=0: updated typical value
Table 29: SPI timing:
–tSCKQV, tSSCK: updated parameter definition
–tHSDI: added row
Updated Figure 20: SPI – timing and Figure 21: SPI global status
register access
Updated Table 37: Complete device SPI register table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com