Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 10Page - STMicroelectronics L99ASC03 Datasheet HTML 11Page - STMicroelectronics L99ASC03 Datasheet HTML 12Page - STMicroelectronics L99ASC03 Datasheet HTML 13Page - STMicroelectronics L99ASC03 Datasheet HTML 14Page - STMicroelectronics L99ASC03 Datasheet HTML 15Page - STMicroelectronics L99ASC03 Datasheet HTML 16Page - STMicroelectronics L99ASC03 Datasheet HTML 17Page - STMicroelectronics L99ASC03 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Device description
L99ASC03
14/73
DocID023504 Rev 7
Figure 7. Watchdog in failure mode
2.5
Device operating modes
The device can be operated in four different modes:
•
Active Mode
•
Flash Mode
•
VDD Standby Mode
•
VBAT Standby Mode
2.5.1
Active Mode
The device operates with all its functions being available (VDD regulator, watchdog, gate
drivers, etc).
2.5.2
Flash Mode
To program the system microcontroller, the L99ASC03 can be operated in Flash Mode
where the internal watchdog is disabled and the other functions (see Table 3) remain
available. Flash mode is entered by applying on the BC pin a voltage higher than VBC,rising;
to guarantee the proper behavior of the device, the rising VBC slope must not exceed
10 V/µs.
In case VBC = VBC,rising during device power-up (VSREG connecting to VBAT), it has to be
assured that the SDI pin is at GND level (VSDI < 1.3 V, no external pull-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com