Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 58Page - STMicroelectronics L99ASC03 Datasheet HTML 59Page - STMicroelectronics L99ASC03 Datasheet HTML 60Page - STMicroelectronics L99ASC03 Datasheet HTML 61Page - STMicroelectronics L99ASC03 Datasheet HTML 62Page - STMicroelectronics L99ASC03 Datasheet HTML 63Page - STMicroelectronics L99ASC03 Datasheet HTML 64Page - STMicroelectronics L99ASC03 Datasheet HTML 65Page - STMicroelectronics L99ASC03 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
ST-SPI Protocol
L99ASC03
62/73
DocID023504 Rev 7
4.4.9
Device Control Register 8
Device Control Register 8
Address:
0x8
Type:
R/W
4.4.10
Device Status Registers 1
Device Status Registers 1
Address:
0x11
Type:
R/C
I
76
54
32
10
Bit name
DSFT_DIS
ISTEST_EN
OCFT_DIS
Default values
0
0
0
Bit Bit description
[7:3] Reserved
[2] DSFT_DIS: drain-source fault disable.
This bit can be written only when the DISABLE bit (in status register 1) is "1", otherwise the write
operation to this bit is ignored. Note: this bit is not set to default in case of fail-safe errors.
0: a drain-source monitoring error causes the turn-off of the affected driver (functional error
reported)
1: a drain-source monitoring error does not cause the turn-off of the affected driver (global
warning reported)
[1] ISTEST_EN: ISTEST enable
0: ISTEST disabled
1: ISTEST enabled
[0] OCFT_DIS: overcurrent filter time disable (for RPD)
0: overcurrent filter time enabled
1: overcurrent filter time disabled
76
54
32
10
CPLOW
NRDY
DISABLE
INHWAKE
SPIWAKE
Reserved
DEVST(1)
DEVST(0)
GSB reported
GW/FE(1)
1.
Depending on CPLOWM bit:
CPLOWM = 0, than GW
CPLOWM = 1, than FE
GW/FE(1)
FE
Information
Information
Information
Information
Clear mode
Read & Clear
Auto cleared
Read & Clear
Read & Clear
Read & Clear
Read & Clear
Bit Bit description
[7] CPLOW: charge pump undervoltage detected
[6] NRDY: charge pump not ready (VCPLOW threshold not reached after charge pump startup)
[5] DISABLE: DIS pin high detected
[4] WAKEINH: wake-up from INH detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com