Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 55Page - STMicroelectronics L99ASC03 Datasheet HTML 56Page - STMicroelectronics L99ASC03 Datasheet HTML 57Page - STMicroelectronics L99ASC03 Datasheet HTML 58Page - STMicroelectronics L99ASC03 Datasheet HTML 59Page - STMicroelectronics L99ASC03 Datasheet HTML 60Page - STMicroelectronics L99ASC03 Datasheet HTML 61Page - STMicroelectronics L99ASC03 Datasheet HTML 62Page - STMicroelectronics L99ASC03 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
DocID023504 Rev 7
59/73
L99ASC03
ST-SPI Protocol
72
4.4.6
Device Control Register 5
Device Control Register 5
Address:
0x5
Type:
R/W
I
76
5
4
3
2
1
0
Bit name
DMUX
AMUX(2)
AMUX(1)
AMUX(0)
WOBM
WOBF
Reserved
Reserved
Default values
0
0
0
0
0
0
0
1
Bit Bit description
[7] DMUX: digital multiplexer output
0: FS flag selected
1: OC flag selected. In case the OCFT_DIS bit in Control Register 8 is "1", then the DOUT pin
reflects directly the overcurrent comparator output and the CSAOC bit in Status Register 6 is not
set if an overcurrent event occurs.
[6:4] AMUX: analog multiplexer output
000: OFF
001: 1/8 VS
010: 1/8 VSREG
011: 1/8
VSMS
100: TJ
101: CSA reference voltage
110: CSA reference voltage is muxed to AOUT and CSO pins at the same time
111: not used
[3] WOBM: charge pump frequency modulation
0: frequency modulation enabled
1: frequency modulation disabled
[2] WOBF: charge pump modulation frequency
0: 16 kHz
1: 32 kHz
[1] Reserved, keep default value [0]
[0] Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com