Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 10Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 11Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 12Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 13Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 14Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 15Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 16Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 17Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Unique ID
001
002
003
Inspection
image
Inspection
result
OK
OK
NG
14
PLC for data collection
No need for a program
to associate items with
unique ID.
FH Controller
The times in the right figure provided for reference only and their accuracy
cannot be guaranteed. They are measured under the following conditions:
•FH-5050 Controller
•5 Mpix monochrome images
•Size of converted JPEG file: 0.6 MB
Database
Analyze with
inspection images
to quickly identify
defect causes
Unique identification and quality control
Unique ID associated with inspection image and result
The FH Series can associate a unique ID with the inspection image and result, and then output them to the host device.
You can immediately find required inspection images and quickly identify causes of fails.
USB 2.0 +
ifz file
(not compressed)
Approx. 200 ms
Compression time
Storage time
Approx. 100 ms
Approx. 60 ms
Reduced to 1/3
Reduced to 1/2
USB 3.0 +
ifz file
(not compressed)
USB 3.0 +
JPEG file
High-speed image storage
The amount of inspection image data required
for defect cause analysis can be so large that
conventional controllers are unable to store it given
their storage time and capacity constraints.
The high-speed, large-capacity controller has USB
3.0 ports and the improved algorithm to compress
image data at high speeds, enabling all images to be
stored to meet increasing needs in quality control.
Unique ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com