Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 35Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 36Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 37Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 38Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 39Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 40Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 41Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 42Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
FH-Series
39
Processing Items
Group
Icon
Processing Item
Corresponding
Page in the
Catalog
Measurement
Search
Used to identify the shapes and calculate
the position of measurement objects.
Flexible Search
Recognizing the shapes of workpieces
with variation and detecting their positions.
Sensitive Search
Search a small difference by dividing the
search model in detail, and calculating the
correlation.
ECM Search
Used to search the similar part of model
form input image. Detect the evaluation
value and position.
EC Circle Search
Extract circles using "round " shape infor-
mation and get position, radius and quan-
tity in high preciseness.
Shape Search
II
Used to search the similar part of model
from input image regardless of environ-
mental changes. Detect the evaluation
value and position.
Shape Search
III
Robust detection of positions is possible at
high-speed and with high precision incor-
porating environmental fluctuations, such
as differences in individual shapes of the
workpieces, pose fluctuations, noise su-
perimposition and shielding.
P12
EC Corner
This processing item measures a corner
position (corner) of a workpiece.
Ec Cross
The center position of a crosshair shape is
measured using the lines created by the
edge information on each side of the
crosshair.
Classification
Used when various kinds of products on
the assembly line need to be sorted and
identified.
Edge Position
Measure position of measurement ob-
jects according to the color change in
measurement area.
Edge Pitch
Detect edges by color change in measure-
ment area. Used for calculating number of
pins of IC and connectors.
Scan Edge
Position
Measure peak/bottom edge position of
workpieces according to the color change
in separated measurement area.
P12
Scan Edge
Width
Measure max/min/average width of work-
pieces according to the color change in
separated measurement area.
Circular Scan
Edge Position
Measure center axis, diameter and radius
of circular workpieces.
P12
Circular Scan
Edge Width
Measure center axis, width and thickness
of ring workpieces.
Intersection
Calculate approximate lines from the edge
information on two sides of a square work-
piece to measure the angle formed at the
intersection of the two lines.
Color Data
Used for detecting presence and mixed
varieties of products by using color aver-
age and deviation.
Gravity and Area
Used to measure area, center of gravity of
workpices by extracting the color to be
measured.
Labeling
Used to measure number, area and gravi-
ty of workpieces by extracting registered
color.
Label Data
Selecting one region of extracted Label-
ing, and get that measurement. Area and
Gravity position can be got and judged.
Defect
Used for appearance measurement of
plain-color measurement objects such
as defects, stains and burrs.
Precise Defect
Check the defect on the object. Parame-
ters for extraction defect can be set pre-
cisely.
Fine Matching
Difference can be detected by overlapping
and comparing (matching) registered fine
images with input images.
Character
Inspect
Recognize character according correlation
search with model image registered in
[Model Dictionary].
P15
Date Verification Reading character string is verified with in-
ternal date.
Model Dictionary
Register character pattern as dictionary.
The pattern is used in [Character Inspec-
tion].
2DCode II *1
Recognize 2D code and display where the
code quality is poor.
P15
2DCode *2
Recognize 2D code and display where the
code quality is poor.
Barcode *3
Recognize barcode, verify and output de-
coded characters.
OCR
Recognize and read characters in
images as character information.
P15
OCR User
Dictionary
Register dictionary data to use for OCR.
Circle Angle
Used for calculating angle of inclination of
circular measurement objects.
Group
Icon
Processing Item
Corresponding
Page in the
Catalog
Measurement
Glue Bead
Inspection
You can inspect coating of a specified col-
or for gaps or runoffs along the coating
path.
AI FineMatching
*4
Performs learning with “non-defective” prod-
uct images and detects the difference be-
tween the input image and the non-defective
image. Allows for variations in non-defective
products and detects only defects.
P6
Input Image
Camera Image
Input FH
To input images from cameras. And set up
the conditions to input images from camer-
as. (For FH Sensor Controllers only)
Camera Image
Input HDR
Create high-dynamic range images by ac-
quiring several images with different con-
ditions.
P10
Camera Image
Input HDRLite
HDR function for FZ-SQ
@ Intelligent Com-
pact Cameras.
Photometric
Stereo Image
Input
Capture images under different illumina-
tion directions using a photometric stereo
light.
Camera Switch
To switch the cameras used for measure-
ment. Not input images from cameras
again.
Measurement
Image Switching
To switch the images used for measure-
ment. Not input images from camera
again.
Multi-trigger
Imaging
The Multi-trigger Imaging processing item
captures multiple images at user-defined
timings and executes parallel measure-
ment for each image. Insert the Multi-trig-
ger Imaging to the top of the flow.
P10
Multi-trigger
Imaging Task
The Multi-trigger Imaging processing item
captures multiple images at user-defined
timings and executes parallel measure-
ment for each image. Insert this process-
ing item to the top of the processing which
requires imaging for multiple times.
Compensate
image
Position
Compensation
Used when positions are differed. Correct
measurement is performed by correcting
position of input images.
Filtering
Used for processing images input from
cameras in order to make them easier to
be measured.
Background
Suppression
To enhance contrast of images by extract-
ing color in specified brightness.
Brightness
Correct Filter
Track brightness change of entire
screen and remove gradual brightness
change such as uneven brightness.
Color Gray Filter Color image is converted into monochrome
images to emphasize specific color.
Extract Color
Filter
Convert color image to color extracted im-
age or binary image.
Anti Color
Shading
To remove the irregular color/pattern
by uniformizing max.2 specified colors.
Stripes Removal
Filter
II
Remove the background pattern of
vertical, horizontal and diagonal
stripes.
Polar
Transformation
Rectify the image by polar transformation.
Useful for OCR or pattern inspection print-
ed on circle.
Trapezoidal
Correction
Rectify the trapezoidal deformed
image.
Machine
Simulator
How the alignment marks would move on
the image when each stage or robot axis is
controlled can be checked.
Image
Subtraction
The registered model image and
measurement image are compared and
only the different pixels are
extracted and converted to an image.
Advanced filter
Process the images acquired from camer-
as in order to make them easier to mea-
sure. This processing item consolidates
existing image conversion filtering into one
processing item and adds extra functions.
Panorama
Combine multiple image to create one big
image.
AI Scratch
Detect Filter *5
Extracts defects in the set measurement
area.
P4
Support
measurement
Unit Macro
Advanced arithmetic processing can be
easily incorporated into workflow as Unit
Macro processing items.
Unit Calculation
Macro
This function is convenient when the user
wants to calculate a value using an original
calculation formula or change the set val-
ue or system data of a processing item.
Calculation
Used when using the judge results and
measured values of ProcItem which are
registered in processing units.
Line Regression Used for calculating regression line from
plural measurement coodinate.
Circle
Regression
Used for calculating regression circle from
plural measurement coordinate.
Precise
Calibration
Used for calibration corresponding to trape-
zoidal distortion and lens distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com