| Electronic Components Datasheet Search |
|
FH-SM02/SC02 Datasheet(PDF) 38 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FH-SM02/SC02 Datasheet(HTML) 38 Page - Omron Electronics LLC |
|
38 / 54 page ![]() FH-Series 38 * Use the attachment power terminal connector (male) of FH-XCN-L series. For details, refer to 5-3 Sensor Controller Installation on Vision System FH series Hardware Setup Manual(Z366). LED name Description [1] PWR LED Lit while power is ON. [2] ERROR LED Lit when an error has occurred. [3] RUN LED Lit while the layout turned on output setting is displayed. [4] ACCESS LED Blinks while the internal nonvolatile memory is accessed. [5] SD PWR LED Lit while power is supplied to the SD memory card and the card is usable. [6] SD BUSY LED Lit when access to the SD memory card. [7] Ethernet NET RUN LED Lit while Ethernet communications are usable. [8] Ethernet LINK/ACT LED Blinks when connected with an Ethernet device, and blinks while performing communications. Connector name Description A SD memory card installation connector Install the SD memory card. Do not plug or unplug the SD memory card during measurement operation. Otherwise measurement time may be affected or data may be destroyed. B USB 2.0 connector Connects to USB 2.0. Do not insert or remove during loading or writing of measurement or data. The measurement time can be longer or data can be damaged. C USB 3.0 connector Connects to USB 3.0. Do not insert or remove during loading or writing of measurement or data. The measurement time can be longer or data can be damaged. USB 3.0 has a high ability to supply the bus power. Use the Sensor Controller by combining USB 3.0, faster transport can be realized. D Ethernet connector Connect an Ethernet device. Ethernet port, EtherNet/IP port, and PROFINET port are sharing use. E RS-232C connector Connect an external device such as a programmable controller. F DVI-I connector Connect a monitor. G Parallel connector (control lines, data lines) Connect the controller to external devices such as a sync sensor. H Camera connector Connect a camera. I Power supply terminal connector Connect a DC power supply. Wire the controller independently on other devices. Wire * the ground line. Be sure to ground the FH Sensor Controller alone. [1] [3] [5] [2] [4] [6] [7] [8] F G H D E I A C B Lite Controllers (4-camera type) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |