Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 27Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 28Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 29Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 30Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 31Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 32Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 33Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 34Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
FH-Series
31
Maximum Number of Loading Images during Multi-input
*1 When using two camera cables for connection, the maximum number of loaded images during multi-input is twice the number given in the table.
*2 The multi-input function cannot be used when the built-in light of an intelligent compact digital camera is used.
Refer to the Vision System FH/FZ5 Series User's Manual (Cat. No. Z340) for details.
Camera
Model
Max. Number of Loading Images
during Multi-input *1
Intelligent Compact Digital
CMOS Cameras *2
FZ-SQ010F/-SQ050F/-SQ100F/-SQ100N
256
0.3 million pixels
CCD/CMOS Cameras
FZ-S/-SC/-SF/SFC/-SH/-SHC/-SP/-SPC
FH-SM/-SC
256
0.4 million pixels
CMOS Cameras
FH-SMX/-SCX
256
1.6 million pixels
CMOS Cameras
FH-SMX01/-SCX01
64
2 million pixels
CCD Cameras
FZ-S2M/-SC2M
64
2 million pixels
CMOS Cameras
FH-SM02/-SC02
51
3.2 million pixels
CMOS Cameras
FH-SMX03/-SCX03
36
4 million pixels
CMOS Cameras
FH-SM04/-SC04
32
5 million pixels
CCD/CMOS Cameras
FZ-S5M3/-SC5M3
FH-SMX05/-SCX05/-SM05R/-SC05R
25
12 million pixels
CMOS Cameras
FH-SM12/-SC12/-SMX12/-SCX12
10
20.4 million pixels
CMOS Cameras
FH-SM21R/-SC21R
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com