| Electronic Components Datasheet Search |
|
FH-SM02/SC02 Datasheet(PDF) 37 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FH-SM02/SC02 Datasheet(HTML) 37 Page - Omron Electronics LLC |
|
37 / 54 page ![]() FH-Series 37 Components and Functions * Use the attachment power terminal connector (male) of FH-XCN series. For details, refer to 5-3 Sensor Controller Installation on Vision System FH series Hardware Setup Manual (Z366). Name Description [1] POWER LED Lit while power is ON. [2] ERROR LED Lit when an error has occurred. [3] RUN LED Lit while the layout turned on output setting is displayed. [4] ACCESS LED Blinks while the internal nonvolatile memory is accessed. [5] SD POWER LED Blinks while power is supplied to the SD memory card and the card is usable. [6] SD BUSY LED Blinks while the SD memory card is accessed. [7] EtherCAT RUN LED Lit while EtherCAT communications are usable. [8] EtherCAT LINK/ACT IN LED Lit when connected with an EtherCAT device, and blinks while performing communications. [9] EtherCAT LINK/ACT OUT LED Lit when connected with an EtherCAT device, and blinks while performing communications. [10] EtherCAT ERR LED Lit when EtherCAT communications have become abnormal. [11] EtherNet NET RUN1 LED Lit while EtherNet communications are usable. [12] EtherNet LINK/ACK1 LED Lit when connected with an EtherNet device, and blinks while performing communications. [13] EtherNet NET RUN2 LED Lit when EtherNet communications are usable. [14] EtherNet LINK/ACK2 LED Lit when connected with an EtherNet device, and blinks while performing communications. Name Description A SD memory card installation connector Install the SD memory card. Do not plug or unplug the SD memory card during measurement operation. Otherwise measurement time may be affected or data may be destroyed. B EtherNet connector Connect an EtherNet device. C USB connector Connect a USB device. Do not plug or unplug it during measurement operation. Otherwise measurement time may be affected or data may be destroyed. D RS-232C connector Connect an external device such as a programmable controller. E DVI-I connector Connect a monitor. F I/O connector (control lines, data lines) Connect the controller to external devices such as a sync sensor and PLC. G EtherCAT address setup volume Used to set a node address (00 to 99) as an EtherCAT communication device. H EtherCAT communication connector (IN) Connect the opposed EtherCAT device. I EtherCAT communication connector (OUT) Connect the opposed EtherCAT device. J Encoder connector Connect an encoder. K Camera connector Connect cameras. L Power supply terminal connector Connect a DC power supply. Wire the controller independently on other devices. Wire * the ground line. Be sure to ground the controller alone. A B C D E F G H I K L J [7] [8] [9] [10] [1] [2] [3] [4] [5] [6] [11] [12] [13] [14] Sensor Controllers High-speed, Large-capacity Controller Standard Controller (4-camera type) FH-2050 Series/FH-5 @50 Series Upper port: Ethernet port Lower port: Ethernet port, EtherNet/IP port, and PROFINET port are sharing use. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |