Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 22Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 23Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 24Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 25Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 26Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 27Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 28Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 29Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
FH-Series
26
Cables / Connectors
*1 We recommend you to use the above Cable and RJ45 Connector together.
*2 We recommend you to use the above Cable and RJ45 Assembly Connector together.
Automation Software Sysmac Studio
Please purchase a DVD and licenses the first time you purchase the Sysmac Studio. DVDs and licenses are available individually. The license does not
include the DVD.
Note:
1. Site licenses are available for users who will run Sysmac Studio on multiple computers. Ask your OMRON sales representative for details.
2. Sysmac Studio version 1.07 or higher supports the FH Series. Sysmac Studio does not support the FH-L551/-L551-10.
*1
Model "SYSMAC-SE200D-64" runs on Windows 10 (64bit) or higher.
*2
The same media is used for both the Standard Edition and the Vision Edition.
*3
With the Vision Edition, you can use only the setup functions for FH-series/FQ-M-series Vision Sensors.
*4
This product is a license only. You need the Sysmac Studio Standard Edition DVD media to install it.
Development Environment
Please purchase a CD-ROM and licenses the first time you purchase the Application Producer. CD-ROMs and licenses are available individually. The license
does not include the CD-ROM.
Item
Recommended manufacturer
Model
Products for EtherCAT or EtherNet/IP
(1000BASE-T/100BASE-TX)
Wire gauge and number of pairs:
AWG24, 4-pair cable
Cable
Hitachi Metals, Ltd.
NETSTAR-C5E SAB 0.5 x 4P CP *1
Kuramo Electric Co.
KETH-SB
*1
RJ45 Connector
Panduit Corporation
MPS588-C
*1
Products for EtherCAT or EtherNet/IP
(100BASE-TX/10BASE-T)
Wire gauge and number of pairs:
AWG22, 2-pair cable
Cable
Kuramo Electric Co.
KETH-PSB-OMR
*2
JMACS Japan Co., Ltd.
PNET/B
*2
RJ45 Assembly Connector
OMRON
XS6G-T421-1
*2
Item
Specifications
Model
Number of licenses
Media
Sysmac Studio
Standard Edition
Ver.1.
@@
The Sysmac Studio is the software that provides an integrated envi-
ronment for setting, programming, debugging and maintenance of
machine automation controllers including the NJ/NX-series CPU
Units, NY-series Industrial PC, EtherCat Slave, and the HMI.
Sysmac Studio runs on the following OS. *1
Windows 7 (32-bit/64-bit version) /
Windows 8.1 (32-bit/64-bit version) /
Windows 10 (32-bit/64-bit version) /
Windows 11 (64-bit version)
This software provides functions of the Vision Edition.
Refer to OMRON website for details such as supported models and
functions.
-- (Media only)
Sysmac Studio
(32bit) DVD *2
SYSMAC-SE200D
-- (Media only)
Sysmac Studio
(64bit) DVD *2
SYSMAC-SE200D-64
1 license
---
SYSMAC-SE201L
3 license
---
SYSMAC-SE203L
10 license
---
SYSMAC-SE210L
30 license
---
SYSMAC-SE230L
50 license
---
SYSMAC-SE250L
Sysmac Studio
Vision Edition
Ver.1.
@@ *3 *4
Sysmac Studio Vision Edition is a limited license that provides se-
lected functions required for Vision Sensor FH-series/
Smart Camera FHV7-series/FQ-M-series settings.
1 license
---
SYSMAC-VE001L
Sysmac Studio
Robot Additional
Option *4
Sysmac Studio Robot Additional Option is a license to enable the Vi-
sion & Robot integrated simulation.
1 license
---
SYSMAC-RA401L
Product
Specifications
Model
Number of Model
Standards
licenses
Media
Application Producer
Software components that provide a development environment to
further customize the standard controller features of the FH Series.
System requirements:
CPU: Intel Pentium Processor (SSE2 or higher)
OS: Windows 7 Professional (32/64bit) or Enterprise(32/64bit) or
Ultimate (32/64bit),
Windows 8 Pro (32/64bit) or Enterprise (32/64bit),
Windows 8.1 Pro (32/64bit) or Enterprise (32/64bit),
Windows 10 Pro (32/64bit) or Enterprise (32/64bit),
Windows 11 Pro (64bit) or Enterprise (64bit)
.NET Framework: .NET Framework 3.5 SP1 or higher
Memory: At least 2 GB RAM
Available disk space: At least 2 GB
Browser: Microsoft® Internet Explorer 6.0 or later
Display: XGA (1024
× 768), True Color (32-bit) or higher
Optical drive: CD/DVD drive
The following software is required to customize the software:
Microsoft® Visual Studio® 2008 Professional or
Microsoft® Visual Studio® 2010 Professional or
Microsoft® Visual Studio® 2012 Professional
--- (Media only)
CD-ROM
FH-AP1
1 license
---
FH-AP1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com