Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 21Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 22Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 23Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 24Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 25Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 26Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 27Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 28Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
FH-Series
25
Parallel Converter Cable
When you change to connect the F series, FZ5 series, or FZ5-L series to FH series Sensor Controller,
you can convert by using the appropriate parallel converter cable of FH-VPX series under the usable condition.
* Even if RESET signal cannot be use by conversion, conversion is possible to convert satisfying other usable condition.
Note: Cannot be used for the F160-C10CP/-C10CF.
Recommended EtherCAT and EtherNet/IP Communications Cables
Use Straight STP (shielded twisted-pair) cable of category 5 or higher with double shielding (braiding and aluminum foil tape) for EtherCAT.
Use Straight or cross STP (shielded twisted-pair) cable of category 5 or higher for EtherNet/IP.
Cable with Connectors
*1 Cables with standard RJ45 plugs are available in the following lengths: 0.2 m, 0.3 m, 0.5 m, 1 m, 1.5 m, 2 m, 3 m, 5 m, 7.5 m, 10 m, 15 m, 20 m.
Cables with rugged RJ45 plugs are available in the following lengths: 0.3 m, 0.5 m, 1 m, 2 m, 3 m, 5 m, 10 m, 15 m.
For details, refer to the Industrial Ethernet Connectors Catalog (Cat. No. G019).
*2 The lineup features Low Smoke Zero Halogen cables for in-cabinet use and PUR cables for out-of-cabinet use. Although the LSZH cable is
single shielded, its communications and noise characteristics meet the standards.
*3 Cables colors are available in yellow, green, and blue.
*4 For details, contact your OMRON representative.
Item
Applicable Model
Usable Condition
Model
FZ
@ series
• Do not use RESET signal. *
• Use with COMIN and COMUT are same power source.
FH-VPX-FZ
FZ
@-L35x series
• Do not use RESET signal. *
FH-VPX-FZL
F160 series
F160-C10
• Do not use RESET signal. *
• Use with COMIN and COMOUT are same power source.
• Do not use DI5 and DI6.
FH-VPX-F160
F210 series
F210-C10
• Do not use RESET signal. *
• Use with COMIN and COMOUT are same power source.
• Do not use DI8 and DI9.
FH-VPX-F210
F210-C10-ETN
F500 series
F500-C10
Item
Appearance
Recommended
manufacturer
Cable length (m)
Model
Cable with Connectors on Both Ends (RJ45/RJ45)
Standard RJ45 plugs type *1
Wire Gauge and Number of Pairs: AWG26, 4-pair Cable
Cable Sheath material: LSZH *2
Cable color: Yellow *3
OMRON
0.3
XS6W-6LSZH8SS30CM-Y
0.5
XS6W-6LSZH8SS50CM-Y
1
XS6W-6LSZH8SS100CM-Y
2
XS6W-6LSZH8SS200CM-Y
3
XS6W-6LSZH8SS300CM-Y
5
XS6W-6LSZH8SS500CM-Y
Cable with Connectors on Both Ends (RJ45/RJ45)
Rugged RJ45 plugs type *1
Wire Gauge and Number of Pairs: AWG22, 2-pair Cable
Cable color: Light blue
OMRON
0.3
XS5W-T421-AMD-K
0.5
XS5W-T421-BMD-K
1
XS5W-T421-CMD-K
2
XS5W-T421-DMD-K
5
XS5W-T421-GMD-K
10
XS5W-T421-JMD-K
Cable with Connectors on Both Ends
(M12 Straight/M12 Straight)
Shield Strengthening Connector cable *4
M12/Smartclick Connectors
Wire Gauge and Number of Pairs: AWG22, 2-pair Cable
Cable color: Black
OMRON
0.5
XS5W-T421-BM2-SS
1
XS5W-T421-CM2-SS
2
XS5W-T421-DM2-SS
3
XS5W-T421-EM2-SS
5
XS5W-T421-GM2-SS
10
XS5W-T421-JM2-SS
Cable with Connectors on Both Ends (M12 Straight/RJ45)
Shield Strengthening Connector cable *4
M12/Smartclick Connectors
Rugged RJ45 plugs type
Wire Gauge and Number of Pairs: AWG22, 2-pair Cable
Cable color: Black
OMRON
0.5
XS5W-T421-BMC-SS
1
XS5W-T421-CMC-SS
2
XS5W-T421-DMC-SS
3
XS5W-T421-EMC-SS
5
XS5W-T421-GMC-SS
10
XS5W-T421-JMC-SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com