Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SM02/SC02 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # FH-SM02/SC02
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SM02/SC02 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button FH-SM02/SC02 Datasheet HTML 36Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 37Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 38Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 39Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 40Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 41Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 42Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 43Page - Omron Electronics LLC FH-SM02/SC02 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
FH-Series
40
*1 2D Codes that can be read : Data Matrix (ECC200)
*2 2D Codes that can be read : Data Matrix (ECC200), QR Code
*3 Bar Codes that can be read : JAN/EAN/UPC (including add-on codes),
Code 39, Codabar (NW-7), ITF (Interleaved 2 of 5), Code 93, Code 128,
GS1-128, GS1 DataBar (RSS-14 / RSS Limited / RSS Expanded),
Pharmacode
*4 Available on the following controllers:
•FH-5
@50/2050 Series (version 6.40 or later)
• FH-L551-
@@ (Use in conjunction with 0.3 or 0.4 million-pixel cameras.)
*5 Available on the FH-5
@50-series Controller (version 6.40 or later).
Optional FH-UMAI1 Scratch Detect AI Software Installer is required.
Group
Icon
Processing Item
Corresponding
Page in the
Catalog
Support
measure-
ment
User Data
Used for setting of the data that can be
used as common constants and variables
in scene group data.
Set Unit Data
Used to change the ProcItem data (setting
parameters, etc.) that has been set up in a
scene.
Get Unit Data
Used to get one data (measured results,
setting parameters, etc.) of ProcItem that
has been set up in a scene.
Set Unit Figure
Used for re-setting the figure data (model,
measurement area ) registered in an unit.
Get Unit Figure
Used for get the figure data (model, mea-
surement area ) registered in an unit.
Trend Monitor
Used for displaying the information about
results on the monitor, facilitating to avoid
NG and analyze causes.
Image Logging
Used for saving the measurement images
to the memory and USB memory.
Image
Conversion
Logging
Used for saving the measurement images
in JPEG and BMP format.
Data Logging
Used for saving the measurement data to
the memory and USB memory.
Elapsed Time
Used for calculating the elapsed time
since the measurement trigger input.
Wait
Processing is stopped only at the set time. The
standby time is set by the unit of [ms].
Focus
Focus setting is supported.
Iris
Focus and aperture setting is supported.
Parallelize
A part of the measurement flow is divided
into two or more tasks and processed in
parallel to shorten the measurement time.
This processing item is placed at the top of
processing to be performed in parallel.
Parallelize Task
A part of the measurement flow is divided
into two or more tasks and processed in
parallel to shorten the measurement time.
This processing item is placed immediate-
ly before processing to be performed in
parallel between Parallelize and Paral-
lelize End.
Statistics
Used when you need to calculate an aver-
age of multiple measurement results.
Reference Calib
Data
Calibration data and distortion compensa-
tion data held under other processing
items can be referenced.
Position Data
Calculation
The specified position angle is calculated
from the measured positions.
Stage Data
Sets and stores data related to stages.
P13
Robot Data
Sets and stores data related to robots.
Vision Master
Calibration
This processing item automatically calcu-
lates the entire axis movement amount of
the control equipment necessary for cali-
bration.
PLC Master
Calibration
Calibration data is created using a com-
munication command from PLC.
Convert Position
Data
The position angle after the specified axis
movement is calculated.
Movement
Single Position
The axis movement that is required to
match the measured position angle to the
reference position angle is calculated.
Movement Multi
Points
The axis movements that are required to
match the measured position angles to the
corresponding reference position angles
are calculated.
Detection Point
Obtains position/angle information by re-
ferring to the coordinate values measured
with the Measurement Processing Unit.
Manual Position
Setting
Used to change the measurement coordi-
nates X and Y of the measurement pro-
cessing unit.
Camera
Calibration
By setting the camera calibration, the
measurement result can be converted and
output as actual dimensions.
Data Save
The set data can be saved in the controller
main unit or as scene data. The data is
held even after the FH/FZ power is turned
off.
Conveyor
Calibration
Conveyor Calibration is used to calibrate
camera, conveyor, and robots for convey-
or tracking application.
Scene
The specified scene is copied to the cur-
rent scene.
System
Information
Obtain system information (e.g., memory
and disk space and I/O input signal status)
of the Sensor Controller.
Group
Icon
Processing Item
Corresponding
Page in the
Catalog
Branch
Conditional
Branch
Used where more than two kinds of prod-
ucts on the production line need to detect-
ed separately.
End
This ProcItem must be set up as the last
processing unit of a branch.
DI Branch
Same as ProcItem "Branch". But you can
change the targets of conditional branch-
ing via external inputs.
Control Flow
Normal
Set the measurement flow processing into
the wait state in which the specific no-pro-
tocol command can be executed.
Control Flow
PLC Link
Set the measurement flow processing into
the wait state in which the specific PLC
Link command can be executed.
Control Flow
Parallel
Set the measurement flow processing into
the wait state in which the specific parallel
command can be executed.
Control Flow
Fieldbus
Set the measurement flow processing into
the wait state in which the specific Field-
bus command can be executed.
Selective Branch Easily branch to multiple destinations.
Conditional
Execution (If)
The measurement flow is divided accord-
ing to the comparison result obtained us-
ing the set expressions and conditions.
Conditional
Execution (Else)
Insert between the Conditional Execution
(If) processing item and End If processing
item. The measurement flow is divided ac-
cording to the comparison result obtained
using the set expressions and conditions.
Loop
The set processes are repeated until the
loop count reaches the specified number,
and then the next process starts.
Loop
Suspension
Insert between the Loop processing item
and End Loop processing item. Used to
stop the loop before the loop count reach-
es the specified number.
Select Execution
(Select)
Used to set conditions. The measurement
flow is divided according to the compari-
son result obtained using the conditions
given by expressions.
Select Execution
(Case)
Used to make a judgment. The measure-
ment flow is divided according to the com-
parison result obtained using the
conditions given by expressions.
Output result
Result Output (I/
O)
Output data to the external devices such
as a programmable controller or a PC via
PLC Link, Parallel interface, Fieldbus in-
terface (EtherCAT, EtherNet/IP (other
than message communication), PROF-
INET).
Result Output
(Message)
Output data to the external devices such
as a programmable controller or a PC with
non-procedure mode via the serial inter-
face or EtherNet/IP (message communi-
cation). This processing item allows you to
save the logging data as a “.csv” file into
the Sensor Controller as well.
Data Output
Used when you need to output data to the
external devices such as PLC or PC via
serial ports.
Parallel Data
Output
Used when you need to output data to the
external devices such as PLC or PC via
parallel ports.
Parallel
Judgement
Output
Used when you need to output judgement
results to the external devices such as
PLC or PC via parallel ports.
Fieldbus Data
Output
Outputs data to an external device, such
as a Programmable Controller, through a
fieldbus interface.
Display result
Result Display
Used for displaying the texts or the figures
in the camera image.
Display Image
File
Display selected image file.
Display Last NG
Image
Display the last NG images.
Conveyor
Panorama
Display
Display images of the tracking area as a
panoramic image.
Display Image
Hold
Processing item to retain images, includ-
ing measurement results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com