Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 7 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 3Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 4Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 9Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 10Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 7
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 2, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fall Time (Figure 1)
tF
CL = 5pF
4.5V ≤ VDD_ ≤ 5.5V
1
ns
3.0V ≤ VDD_ ≤ 3.6V
1.4
2.25V ≤ VDD_ ≤
2.75V
1.9
1.71V ≤ VDD_ ≤
1.89V
3
Note 1: General purpose devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by
design and characterization. Automotive devices are 100% production tested at TA = +25°C and TA = +125°C.
Note 2: Not production tested. Guaranteed by design and characterization.
Note 3: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GNDA or GNDB), unless otherwise noted.
Note 4: All measurements taken with VDDA = VDDB, unless otherwise noted.
Note 5: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output. CMTI applies to
both rising and falling common-mode voltage edges. Tested with the transient generator connected between GNDA and
GNDB (VCM = 1000V).
ESD Protection
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESD
Human Body Model, All Pins
±3
kV
IEC 61000-4-2 Contact, GNDB to GNDA
±6
Test Circuit and Timing Diagram
VDDA
IN1, IN2
GNDA
50%
50%
tPLH
tPHL
VDDB
OUT1
GNDB
50%
50%
tSCSHL
VDDB
OUT2
GNDB
90%
10%
tR
tF
50%
(A)
VDDA
0.1µF
VDDA
TEST
SOURCE
IN_
GNDA
GNDB
VDDB
0.1µF
VDDB
CL
OUT_
RL
MAX22290
MAX22291
(B)
50%
tSCSLH
+
_
+
_
+
_
Figure 1. Test Circuit (A) and Timing Diagram (B)
Table 1. Insulation Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com