Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 19 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 19 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 20Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 21Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 19
MAX22291C
MAX22291F
VDDA
OUT1
IN2
GNDA
VDDB
IN1
OUT2
GNDB
2.5V
3.3V
100Mbps
100Mbps
20Mbps
20Mbps
10k
15pF
Figure 10. Example Circuit for Supply Current Calculation
Table 4. Side A Supply Current Calculation Worksheet
SIDE A
VDDA = 2.5V
CHANNEL
IN/OUT
DATA RATE
(Mbps)
LOAD
TYPE
LOAD
NO LOAD CURRENT
(mA)
LOAD CURRENT (mA)
1
OUT
100
Capacitive
15pF
0.84
2.5V x 50MHz x 15pF = 1.875mA
2
IN
20
0.35
Total: 3.065mA
Table 5. Side B Supply Current Calculation Worksheet
SIDE B
VDDB = 3.3V
CHANNEL
IN/OUT
DATA RATE
(Mbps)
LOAD
TYPE
LOAD
NO LOAD CURRENT
(mA)
LOAD CURRENT (mA)
1
IN
100
1.16
2
OUT
20
Resistive
10kΩ
0.41
3.3V / 10kΩ x 0.5 = 0.165mA
Total: 1.735mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com