Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 17 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 17 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 13Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 20Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 17
Applications Information
Power-Supply Sequencing
The MAX22290/MAX22291 do not require special power-supply sequencing. The logic levels are set independently on
either side by VDDA and VDDB. Each supply can be present over the entire specified range regardless of the level or
presence of the other supply.
Power-Supply Decoupling
To reduce ripple and the chance of introducing data errors, bypass VDDA and VDDB with 0.1μF low-ESR ceramic
capacitors to GNDA and GNDB, respectively. Place the bypass capacitors as close to the power-supply input pins as
possible.
Layout Considerations
The PCB designer should follow some critical recommendations to get the best performance from the design.
• Keep the input/output traces as short as possible. To keep signal paths low inductance, avoid using vias.
• Have a solid ground plane underneath the high-speed signal layer.
• Keep the area underneath the MAX22290/MAX22291 free from ground and signal planes. Any galvanic or metallic
connection between Side A and Side B defeats the isolation.
Calculating Power Dissipation
The required current for a given supply (VDDA or VDDB) can be estimated by summing the current required for each
channel. The supply current for a channel depends on whether the channel is an input or an output, the channel’s data
rate, and the capacitive or resistive load if it is an output. The typical current for input or output at any data rate can be
estimated from the graphs in Figure 8 and Figure 9. Note that the data in Figure 8 and Figure 9 are extrapolated from the
supply current measurements in a typical operating condition.
The total current for a single channel is the sum of the no-load current (shown in Figure 8 and Figure 9), which is a function
of voltage and data rate, and the load current, which depends on the type of load. Current into a capacitive load is a
function of the load capacitance, the switching frequency, and the supply voltage.
ICL = CL × fSW × VDD
where:
ICL is the current required to drive the capacitive load.
CL is the load capacitance on the isolator’s output pin.
fSW is the switching frequency (bits per second/2).
VDD is the supply voltage on the output side of the isolator.
Current into a resistive load depends on the load resistance, the supply voltage, and the average duty cycle of the data
waveform. The DC load current can be conservatively estimated by assuming the output is always high.
IRL = VDD ÷ RL
where:
IRL is the current required to drive the resistive load.
VDD is the supply voltage on the output side of the isolator.
RL is the load resistance on the isolator’s output pin.
Example (shown in Figure 10): A MAX22291C/F is operating with VDDA = 2.5V, VDDB = 3.3V, channel 1 operating at
100Mbps with a 15pF capacitive load, and channel 2 operating at 20Mbps and 50% duty cycle with a 10kΩ resistive load.
See Table 4 and Table 5 for VDDA and VDDB supply-current calculation worksheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com