Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 16 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 12Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 13Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 16
Safety Limits
Damage to the IC can result in a low-resistance path to the ground or to the supply and, without current limiting, the
MAX22290/MAX22291 can dissipate excessive amounts of power. Excessive power dissipation can damage the die and
result in damage to the isolation barrier, potentially causing downstream issues. Table 3 shows the safety limits for the
MAX22290/MAX22291.
The maximum safety temperature (TS) for the device is the 150°C maximum junction temperature specified in the
Absolute Maximum Ratings. The power dissipation (PD) and junction-to-ambient thermal impedance (θJA) determine the
junction temperature. Thermal impedance values (θJA and θJC) are available in the Package Information section and
power dissipation calculations are discussed in the Calculating Power Dissipation section. Calculate the junction
temperature (TJ) as:
TJ = TA + (PD x θJA)
Figure 6 and Figure 7 show the thermal derating curves for safety limiting the power and the current of the devices. Ensure
that the junction temperature does not exceed 150°C.
Figure 6. Thermal Derating Curve for Safety Power Limiting
Figure 7. Thermal Derating Curve for Safety Current Limiting
Table 3. Safety Limiting Values for the MAX22290/MAX22291
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNIT
Safety Current on Any Pin
(No Damage to Isolation Barrier)
IS
TJ = 150°C, TA = 25°C
300
mA
Total Safety Power Dissipation
PS
TJ = 150°C, TA = 25°C
723.38
mW
Maximum Safety Temperature
TS
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com