Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 18 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 20Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 21Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 18
VDDA must supply:
• Channel 1 is an output channel operating at 2.5V and 100Mbps, consuming 0.84mA, estimated from Figure 9.
• Channel 2 is an input channel operating at 2.5V and 20Mbps, consuming 0.35mA, estimated from Figure 8.
• ICL on Channel 1 for 15pF capacitor at 2.5V and 100Mbps is 1.875mA.
Total current for side A = 0.84mA + 0.35mA + 1.875mA = 3.065mA (typ)
VDDB must supply:
• Channel 1 is an input channel operating at 3.3V and 100Mbps, consuming 1.16mA, estimated from Figure 8.
• Channel 2 is an output channel operating at 3.3V and 20Mbps, consuming 0.41mA, estimated from Figure 9.
• IRL on Channel 2 for 10kΩ resistor switching at 50% duty cycle and at 3.3V is 0.165mA.
Total current for side B = 1.16mA + 0.41mA + 0.165mA = 1.735mA (typ)
Figure 8. Supply Current per Input Channel (Estimated)
Figure 9. Supply Current per Output Channel (Estimated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com