Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 8 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 4Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 9Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 10Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 11Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 8
Partial Discharge Test
Voltage
VPR
Method B1 = VIORM x 1.875 (t = 1s, partial discharge < 5pC)
1182
VP
Maximum Repetitive Peak
Isolation Voltage
VIORM
(Note 6)
630
VP
Maximum Working Isolation
Voltage
VIOWM
Continuous RMS voltage (Note 6)
445
VRMS
Maximum Transient Isolation
Voltage
VIOTM
t = 1s (Note 6)
4242
VP
Maximum Withstanding
Isolation Voltage
VISO
fSW = 60Hz, duration = 60s (Notes 6, 7)
3000
VRMS
Maximum Surge Isolation
Voltage
VIOSM
Reinforced Insulation, test method per IEC 60065,
VTEST = 1.6 x VIOSM = 10000VPEAK (Notes 6, 9)
6250
VP
Isolation Resistance
RIO
VIO = 500V, TA = 25°C
> 1012
Ω
VIO = 500V, 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500V, TS = 150°C
> 109
Barrier Capacitance Side A
to Side B
CIO
fSW = 1MHz (Note 8)
1.5
pF
Minimum Creepage Distance
CPG
4
mm
Minimum Clearance
Distance
CLR
4
mm
Internal Clearance
Distance through insulation
0.021
mm
Comparative Tracking Index
CTI
Material Group II (IEC 60112)
> 400
Climate Category
40/125/21
Pollution Degree
(DIN VDE 0110, Table 1)
2
Note 6: VISO, VIOTM, VIOWM, VIORM and VIOSM are defined by the IEC 60747-5-5 standard.
Note 7: Product is qualified at VISO for 60s and 100% production tested at 120% of VISO for 1s.
Note 8: Capacitance is measured with all pins on field-side and logic-side tied together.
Note 9: Devices are immersed in oil during surge characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com