Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 20 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 20Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 21Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 20
Typical Application Circuits
MAX22291C
MAX22291F
VDDA
OUT1
IN2
GNDA
VDDB
IN1
OUT2
GNDB
0.1µF
1.8V
MICRO
CONTROLLER
0.1µF
2.5V
VCC
RO
B
A
MAX22502E
Y
Z
DI
GND
VDD
RX
TX
GND
3.3V
VL
0.1µF
4k
2.5V
RE
DE
PSET
0.1µF
Product Selector Guide
Ordering Information
MAX2229 1 B A
S A /V +
CHANNEL
CONFIGURATION
0: 2/0
1: 1/1
MAXIMUM DATA RATE
DEFAULT OUTPUT
(SEE TABLE)
PACKAGE: N SOIC
PINS: 8
LEAD-FREE/RoHS COMPLIANT
TEMP RANGE: -40°C TO +125°C
DEVICE CONFIGURATION
MAX DATA RATE
25Mbps
200Mbps
DEFAULT-HIGH OUTPUT
DEFAULT-LOW OUTPUT
B
C
F
E
/V: AUTOMOTIVE GRADE
BLANK: GENERAL PURPOSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com