Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290CASA/V+ Datasheet(PDF) 14 Page - Analog Devices

Part # MAX22290CASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290CASA/V+ Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX22290CASA/V+ Datasheet HTML 10Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 11Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 12Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 13Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290CASA/V+ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 14
Detailed Description
The MAX22290/MAX22291 is a family of 2-channel reinforced digital isolators. The devices have an isolation rating of
3kVRMS. The MAX22290/MAX22291 family offers two unidirectional channel configurations to accommodate any
2-channel design.
The MAX22290 features two channels transferring digital signals in one direction for applications such as isolated digital
I/O. The MAX22291 has one channel to transmit data in one direction and the other channel to transmit in the opposite
direction, making it ideal for applications such as isolated RS232 or RS485 communication.
The devices are available in an 8-pin narrow-body SOIC package with 4mm creepage and clearance and are rated up to
3kVRMS. This family of digital isolators offers the low-power operation, high electromagnetic interference (EMI) immunity,
and stable temperature performance through Analog Devices’ proprietary process technology. The devices isolate
different ground domains and block high-voltage/high-current transients from sensitive or human interface circuitry.
The devices are available with a maximum data rate of either 25Mbps (B/E versions) or 200Mbps (C/F versions). The
MAX2229_B/C feature default-high outputs. The MAX2229_E/F feature default-low outputs. The default is the state the
output assumes when the input is not powered or if the input is an open circuit. The devices have two supply inputs (VDDA
and VDDB) that independently set the logic levels on either side of the device. VDDA and VDDB are referenced to GNDA
and GNDB, respectively. The MAX22290/MAX22291 family also features a refresh circuit to ensure output accuracy when
an input remains in the same state indefinitely.
Digital Isolation
The MAX22290/MAX22291 provide reinforced galvanic isolation for digital signals that are transmitted between two
ground domains. The devices withstand differences of up to 3kVRMS for up to 60 seconds, and up to 630VPEAK of
continuous isolation.
AEC-Q100 Qualification
Devices with /V suffix are AEC-Q100 qualified. See the Ordering Information table for all automotive grade part numbers.
Level Shifting
The wide supply voltage range of both VDDA and VDDB allows the devices to be used for level translation in addition to
isolation. VDDA and VDDB can be independently set to any voltage from 1.71V to 5.5V. The supply voltage sets the logic
level on the corresponding side of the isolator.
Unidirectional Channels
Each channel of these devices is unidirectional; it only passes data in one direction, as indicated in the Functional
Diagrams. Each device features two unidirectional channels that operate independently with guaranteed data rates from
DC up to 25Mbps (B/E versions), or from DC to 200Mbps (C/F versions). The output driver of each channel is push-pull,
eliminating the need for pullup resistors. The outputs can drive both TTL and CMOS logic inputs.
Startup and Undervoltage Lockout
The VDDA and VDDB supplies are both internally monitored for undervoltage conditions. Undervoltage events can occur
during power-up, power-down, or during normal operation due to a sagging supply voltage. When an undervoltage
condition is detected on either supply, all outputs go to their default states regardless of the state of the inputs as seen in
Table 2. Figure 2–Figure 5 shows the behavior of the outputs during power-up and power-down.
Table 2. MAX22290/MAX22291 Output Behavior During Undervoltage Condition
VIN_
VDDA
VDDB
VOUTA
VOUTB
1
Powered
Powered
High
High
0
Powered
Powered
Low
Low
X
Undervoltage
Powered
Default
Default
X
Powered
Undervoltage
Default
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com