Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 8Page - STMicroelectronics TDA9112 Datasheet HTML 9Page - STMicroelectronics TDA9112 Datasheet HTML 10Page - STMicroelectronics TDA9112 Datasheet HTML 11Page - STMicroelectronics TDA9112 Datasheet HTML 12Page - STMicroelectronics TDA9112 Datasheet HTML 13Page - STMicroelectronics TDA9112 Datasheet HTML 14Page - STMicroelectronics TDA9112 Datasheet HTML 15Page - STMicroelectronics TDA9112 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
TDA9112
12/51
6.5 - VERTICAL SECTION
VCC = 12V, Tamb =25°C
Note 10: Value of acceptable cumulated parasitic load resistance due to humidity, AGC storage capacitor leakage, etc.,
for less than 1% of Vamp change.
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
AGC-controlled vertical oscillator sawtooth; VRefO =8V
RL(VAGCCap)
Ext. load resistance on
VAGCCap pin(10)
∆V
amp/Vamp(R=∞) ≤1%
65
M
VVOB
Sawtooth bottom voltage on
VCap pin(11)
No load on VOscF pin(11)
1.85
1.95
2.1
V
VVOT
Sawtooth top voltage on VCap
pin
AGC loop stabilized
V sync present
No V sync
5
4.9
V
V
tVODis
Sawtooth Discharge time
CVCap=150nF
80
µs
fVO(0)
Free-running frequency
CVCap=150nF
100
Hz
fVOCapt
AGC loop capture frequency
CVCap=150nF
50
185
Hz
Sawtooth non-linearity(12)
AGC loop stabilized, (12)
0.5
%
S-correction range
AGC loop stabilized, (13)
tVR=1/4 TVR
(15)
tVR=3/4 TVR
-5
+5
%
%
C-correction range
AGC loop stabilized, (14)
tVR=1/2 TVR
(15)
CCOR(Sad0A):
x0000000b
x1000000b
x1111111b
-3
0
+3
%
%
%
Frequency drift of sawtooth
amplitude(17)(18)
AGC loop stabilized
fVOCapt(min)≤fVOfVOCapt(max)
200
ppm/Hz
Vertical output drive signal (on pin VOut);VRefO =8V
Vmid(VOut)
Middle point on VOut sawtooth
VPOS (Sad08):
x0000000b
x1000000b
x1111111b
3.65
3.2
3.5
3.8
3.3
V
V
V
Vamp
Amplitude of VOut sawtooth
(peak-to-peak voltage)
VSIZE (Sad07):
x0000000b
x1000000b
x1111111b
3.5
2.25
3.0
3.75
2.5
V
V
V
VoffVOut
Level on VOut pin at V-drive ”off” I2Cbit VOutEn at 0
3.8
V
IVOut
Current delivered by VOut out-
put
-5
5
mA
VVEHT
Control input voltage range on
VEHTIn pin
1
VRefO
V
Breathing compensation
VVEHT>VRefO
VVEHT(min)≤VVEHTVRefO
0
2.5
%/V
%/V
V
VO dev
V
VOamp 16
()
---------------------------------
V
VOS
cor
V
VO amp
--------------------------------
V
VOC
cor
V
VO amp
--------------------------------
V
VOamp
V
VO amp
f
VO
-----------------------------------------
V
amp
V
amp
V
VEHT
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com