Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 32Page - STMicroelectronics TDA9112 Datasheet HTML 33Page - STMicroelectronics TDA9112 Datasheet HTML 34Page - STMicroelectronics TDA9112 Datasheet HTML 35Page - STMicroelectronics TDA9112 Datasheet HTML 36Page - STMicroelectronics TDA9112 Datasheet HTML 37Page - STMicroelectronics TDA9112 Datasheet HTML 38Page - STMicroelectronics TDA9112 Datasheet HTML 39Page - STMicroelectronics TDA9112 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
TDA9112
36/51
Figure 13. EWOut output waveforms
9.6 - DYNAMIC CORRECTION
OUTPUTS SECTION
9.6.1 - Composite horizontal and vertical
dynamic correction output HVDyCor
A composite waveform is output on pin HVDyCor.
It consists of a parabola of vertical deflection fre-
quency, on which a parabola of horizontal deflec-
tion frequency is superimposed. The two parabolic
components can independently be adjusted via
I2C bus, the vertical parabola in amplitude (
HVDC-
VAMP I2C bus control), the horizontal parabola in
amplitude and phase (
HVDC-HAMP and HVDC-
HSYM I2C bus controls). See also I2C BUS CON-
TROL REGISTER MAP chapter. The influence of
the vertical component can be nullified by adjust-
ing its control to minimum. The minimum value in
horizontal parabola amplitude I2C bus control
does not correspond to null horizontal amplitude.
Refer to Figure 14. The phase of the horizontal pa-
rabola can roughly be adjusted via
HDyCorPh I2C
bus bit to coincide either with the beginning or the
middle of the H-flyback pulse. Moreover, its centre
can be offset via
HVDC-HSYM I2C bus control.
There is a flat part of a quasi-constant length at the
beginning of the horizontal parabola. Refer to elec-
trical specifications for values.
As the vertical parabola component is generated
from the output vertical deflection drive waveform
(see Figure 12), it tracks with real vertical ampli-
tude and position (including breathing compensa-
tion). It is also affected by C- and S-corrections.
The horizontal parabola component tracks with
value in
HSIZE control and is horizontal breathing
compensated if
HDyCorTr I2C bit is set to 1 (0 by
default).
9.6.2 - Vertical dynamic correction output
VDyCor
A parabola at vertical deflection frequency is avail-
able on pin VDyCor. Its amplitude is adjustable via
VDC-AMP I2C bus control and polarity controlled
via VDyCorPol I2C bus bit. It tracks with real vertical
amplitude and position (including breathing com-
Keystone
PCC
Top
Bott om
Corners
Vertical sawtooth
alone
alone
tVR
V(VCap)
0
TVR
TVR
TVR
0
0
V(EWOut)
alone
VEW-PCC
VEW-TCor
VEW-BCor
VEW-Key
VEW-DC
V(HEHT)
VRefO
VHEHT(min)
HSIZE (I2C)
min
im
um
med
ium
maxim
um
VEW(min)
VEW(max)
Vertical sawtooth
tVR
V(VCap)
0
TVR
TVR
TVR
0
0
VRefO
VHEHT(min)
Breathing
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com