| Electronic Components Datasheet Search |
|
TDA9112 Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112 Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 51 page ![]() TDA9112 26/51 Sad17/D2 - HBOutEn Horizontal and B+ Output Enable 0: Disabled, levels corresponding to “power transistor off” on HOut and BOut pins (high for HOut, high or low for BOut, depending on BOutPol bit). 1: Enabled, horizontal deflection drive signal on HOut pin providing that it is not inhibited by another internal event (activated XRay protection). B+ drive signal on BOut pin. Programming the bit to 1 after prior value of 0, will initiate soft start mechanism of horizontal drive and of B+ DC/DC convertor if this is in ex- ternal sawtooth configuration. Sad17/D3 - BOHEdge Selection of Edge of Horizontal drive signal to phase B+ drive Output signal on BOut pin. Only applies if DC/DC convertor is in external saw- tooth configuration and the bit BOutPh is set to 1, otherwise BOHEdge has no effect. 0: Falling edge 1: Rising edge Sad17/D4,D5,D6,D7 - THM, TVM, TH, TV Test bits. They must be kept at 0 level by appli- cation S/W. Read-out flags SadXX/D0 - VDet(53) Flag indicating Detection of V synchronization pulses on VSyn pin. 0: Not detected 1: Detected SadXX/D1 - HVDet (53) Flag indicating Detection of H or HV synchroni- zation pulses applied on H/HVSyn pin. Once the sync pulses are detected, the flag is set and latched. Disappearance of the sync signal will not lead to reset of the flag. 0: Not detected 1: Detected. SadXX/D2 - VExtrDet (53) Flag indicating Detection of Extracted Vertical synchronization signal from composite H+V sig- nal applied on H/HVSyn pin 0: Not detected 1: Detected SadXX/D3 - VPol Flag indicating Polarity of V synchronization pulses applied on VSyn pin with respect to mean level of the sync signal 0: Positive 1: Negative SadXX/D4 - HVPol Flag indicating Polarity of H or HV synchroniza- tion pulses applied on H/HVSyn pin with respect to mean level of the sync signal 0: Positive 1: Negative SadXX/D5 - XRayAlarm Alarm indicating that an event of excessive volt- age has passed on XRay pin. Can only be reset to 0 through I2C Bus bit XRayReset or by power- on reset. 0: No excess since last reset of the bit 1: At least one event of excess appeared since the last reset of the bit, HOut inhibited SadXX/D6 - VLock Status of “Locking” or stabilizing of Vertical oscil- lator amplitude to an internal reference by AGC regulation loop. 0: Locked (amplitude stabilized) 1: Not locked (amplitude non-stabilized) SadXX/D7 - HLock Status of Locking of Horizontal PLL1 0: Locked 1: Not locked Note 53: This flag, by its value of 1, indicates an event of detection of at least one synchronization pulse since its last reset (by means of the SDetReset I2C Bus bit). This is to be taken into account by application S/W in a way that enough time (at least the period between 2 synchronization pulses of analyzed signal) must be provided between reset of the flag through SDetReset bit and validation of information provided in the flag after read-out of status register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |