Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 33Page - STMicroelectronics TDA9112 Datasheet HTML 34Page - STMicroelectronics TDA9112 Datasheet HTML 35Page - STMicroelectronics TDA9112 Datasheet HTML 36Page - STMicroelectronics TDA9112 Datasheet HTML 37Page - STMicroelectronics TDA9112 Datasheet HTML 38Page - STMicroelectronics TDA9112 Datasheet HTML 39Page - STMicroelectronics TDA9112 Datasheet HTML 40Page - STMicroelectronics TDA9112 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
TDA9112
37/51
pensation). It is also affected by C- and S-correc-
tions.
The use of both correction waveforms is up to the
application (e.g. dynamic focus).
Figure 14. HVDyCor output horizontal component waveform
9.7 - DC/DC CONTROLLER SECTION
The section is designed to control a switch-mode
DC/DC converter. A switch-mode DC/DC conver-
tor generates a DC voltage from a DC voltage of
different value (higher or lower) with little power
losses. The DC/DC controller is synchronized to
horizontal deflection frequency to minimize poten-
tial interference into the picture.
Its operation is similar to that of standard UC3842.
The schematic diagram of the DC/DC controller is
in Figure 15. The BOut output controls an external
switching circuit (a MOS transistor) delivering
pulses synchronized on horizontal deflection fre-
quency, the phase of which depends on H/W and
I2C bus configuration, see the table at the end of
this chapter. Their duration depends on the feed-
back provided to the circuit, generally a copy of
DC/DC converter output voltage and a copy of cur-
rent passing through the DC/DC converter circuitry
(e.g. current through external power component).
The polarity of the output can be controlled by
BOutPol I2C bus bit. A NPN transistor open-collec-
tor is routed out to the BOut pin.
9.7.1 - External sawtooth configuration
External sawtooth configuration is assumed when
the voltage on BISense pin is lower than VThrBIsConf
threshold. During the operation, a sawtooth is to
be found on pin BISense, generated externally by
the application. The switches S1 and S2 are in
“ext.” position. According to BOutPh I2C bus bit,
the R-S flip-flop is set either at H-drive signal edge
(rising or falling, depending on BOHEdge I
2C bus
bit), or a certain delay (tBTrigDel /TH) after middle
of H-flyback. The output is set On at the end of the
short pulse generated by the monostable trigger.
Timing of reset of the R-S flip-flop affects duty cy-
cle of the output square signal and so the energy
transferred from DC/DC converter input to its out-
put. A reset edge is provided by comparator C3 if
TH
tHVD-Hoffset
VHVD-H
HDyCorPh
VHVD-DC
Shaped H-flyback
(I2C)
1
0
tHVD-Hoffset
(min)
(max)
tHVD-Hflat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com