Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 21Page - STMicroelectronics TDA9112 Datasheet HTML 22Page - STMicroelectronics TDA9112 Datasheet HTML 23Page - STMicroelectronics TDA9112 Datasheet HTML 24Page - STMicroelectronics TDA9112 Datasheet HTML 25Page - STMicroelectronics TDA9112 Datasheet HTML 26Page - STMicroelectronics TDA9112 Datasheet HTML 27Page - STMicroelectronics TDA9112 Datasheet HTML 28Page - STMicroelectronics TDA9112 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
TDA9112
25/51
Sad06/D7 - BOutPol
Polarity of B+ drive signal on BOut pin
0: adapted to N type of power MOS - high
level to make it conductive
1: adapted to P type of power MOS - low level
to make it conductive
Sad07/D7 - BOutPh
Phase of start of B+ drive signal on BOut pin,
while in external sawtooth configuration
0: Just after horizontal flyback pulse
1: With one of edges of line drive signal on
HOut pin, selected by BOHEdge bit
Sad08/D7 - EWTrHFr
Tracking of all corrections contained in wave-
form on pin EWOut with Horizontal Frequency
0: Not active
1: Active
Sad15/D7 - VDyCorPol
Polarity of Vertical Dynamic Correction wave-
form (parabola)
0: Concave (minimum in the middle of the pa-
rabola)
1: Convex (maximum in the middle of the pa-
rabola)
Sad16/D0 - HLockEn
Enable of output of Horizontal PLL1 Lock/unlock
status signal on pin HLckVBk
0: Disabled, vertical blanking only on the pin
HLckVBk
1: Enabled
Sad16/D1 - PLL1InhEn
Enable of Inhibition of horizontal PLL1 during
extracted vertical synchronization pulse
0: Disabled, PLL1 is never inhibited
1: Enabled
Sad16/D2 - PLL1Pump
Horizontal PLL1 charge Pump current
0: Slow PLL1, low current
1: Fast PLL1, high current
Sad16/D4 - SDetReset
Reset to 0 of Synchronization Detection flags
VDet
, HVDet and VExtrDet of status register effect-
ed with ACK bit of I2C Bus data transfer into reg-
ister containing the SDetReset bit. Also see de-
scription of the flags.
0: No effect
1: Reset with automatic return of the bit to 0
Sad16/D5 - VSyncSel
Vertical Synchronization input Selection be-
tween the one extracted from composite HV sig-
nal on pin H/HVSyn and the one on pin VSyn.
No effect if VSyncAuto bit is at 1.
0: V. sync extracted from composite signal on
H/HVSyn pin selected
1: V. sync applied on VSyn pin selected
Sad16/D6 - VSyncAuto
Vertical Synchronization input selection Auto-
matic mode. If enabled, the device automatically
selects between the vertical sync extracted from
composite HV signal on pin H/HVSyn and the
one on pin VSyn, based on detection mecha-
nism. If both are present, the one coming first is
kept.
0: Disabled, selection done according to bit
VSyncSel
1: Enabled, the bit VSyncSel has no effect
Sad16/D7 - XRayReset
Reset to 0 of XRay flag of status register effect-
ed with ACK bit of I
2C Bus data transfer into reg-
ister containing the XRayReset bit. Also see de-
scription of the flag.
0: No effect
1: Reset with automatic return of the bit to 0
Sad17/D0 - BlankMode
Blanking operation Mode
0: Blanking pulse starting with detection of
vertical synchronization pulse and ending
with end of vertical oscillator discharge
(start of vertical sawtooth ramp on the VOut
pin)
1: Permanent blanking - high blanking level in
composite signal on pin HLckVBk is per-
manent
Sad17/D1 - VOutEn
Vertical Output Enable
0: Disabled, VoffVOut on VOut pin (see 6.5 -
Vertical section)
1: Enabled, vertical ramp with vertical position
offset on VOut pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com