Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 11Page - STMicroelectronics TDA9112 Datasheet HTML 12Page - STMicroelectronics TDA9112 Datasheet HTML 13Page - STMicroelectronics TDA9112 Datasheet HTML 14Page - STMicroelectronics TDA9112 Datasheet HTML 15Page - STMicroelectronics TDA9112 Datasheet HTML 16Page - STMicroelectronics TDA9112 Datasheet HTML 17Page - STMicroelectronics TDA9112 Datasheet HTML 18Page - STMicroelectronics TDA9112 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
TDA9112
15/51
6.7 - DYNAMIC CORRECTION OUTPUTS SECTION
VCC = 12V, Tamb =25°C
Symbol
Parameter
Test Conditi ons
Value
Units
Min.
Typ.
Max.
Composite Horizontal and Vertical Dynamic Correction output HVDyCor
IHVDyCor
Current delivered by HVDyCor
output
-2
0
mA
VHVD-DC
DC component of the drive signal
on HVDyCor output
RL(HVDyCor)=10kΩ
2.1
V
Temperature drift of DC component
of the drive signal on HVDyCor
(18)
200
ppm/
°C
VHVD-H
Amplitude of H-parabola compo-
nent of the drive signal on HVDy-
Cor output
(33)(34)
HDyCorTr Off
HVDC-HAMP (Sad04):
x0000000b
x1000000b
x1111111b
3.7
1.5
0.9
V
V
V
Impact of horizontal size adjust-
ment on HVDyCor H-parabola
component (tracking) (35)
VHEHT constant
HSIZE (Sad10h):
0000000xb
1111111xb
(1.34)2
1
Impact of voltage on HEHTIn input
on HVDyCor H-parabola compo-
nent (36)
HSIZE constant
VHEHT>VRefO
VHEHT=VRefO-4V
1
(1.07)2
tHVD-Hoffset/TH
Offset (phase) of H-parabola com-
ponent of the drive signal on HVDy-
Cor output (38)
HVDC-HSYM (Sad05):
x0000000b
x1000000b (39)
x1111111b
+24.5
0
-24.5
%
%
%
tHVD-Hflat
Duration of the flat part at the start
of H-parabola component of the
drive signal on HVDyCor output (38)
fHO=31kHz
500
ns
VHVD-V
Amplitude of V-parabola compo-
nent of the drive signal on HVDy-
Cor output
(23)
VSIZE
at x1000000b
HVDC-VAMP (Sad06):
x0000000b
x1000000b
x1111111b
HVDC-VAMP at maxi-
mum
VSIZE (Sad07):
x0000000b
x1111111b
0
0.5
1
0.5
1.6
V
V
V
V
V
Tracking of V-parabola component
of the drive signal on HVDyCor out-
put with vertical position (37)
HVDC-VAMP at maxi-
mum
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
V
HV D
DC
V
HV D
D C
T
----------------------------------------
V
HV D
H
TrHSO n
[]
V
HV D
H
TrHSO f f
[]
---------------------------------------------------------
-
V
HV D
H
TrE H TO n
[]
V
HV D
H
T rEH TO ff
[]
-------------------------------------------------------------
-
V
HV D
V
t
vr
0
=
[]
V
HV D
V
t
vr
T
VR
=
[]
-----------------------------------------------------------
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com