Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 34Page - STMicroelectronics TDA9112 Datasheet HTML 35Page - STMicroelectronics TDA9112 Datasheet HTML 36Page - STMicroelectronics TDA9112 Datasheet HTML 37Page - STMicroelectronics TDA9112 Datasheet HTML 38Page - STMicroelectronics TDA9112 Datasheet HTML 39Page - STMicroelectronics TDA9112 Datasheet HTML 40Page - STMicroelectronics TDA9112 Datasheet HTML 41Page - STMicroelectronics TDA9112 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
TDA9112
38/51
the voltage on pin BISense exceeds the internal
threshold VThrBIsCurr. This represents current limi-
tation if a voltage proportional to the current
through the power component or deflection stage
is available on pin BISense. This threshold is af-
fected by voltage on pin HPosF, which rises at soft
start and descends at soft stop. This ensures self-
contained soft control of duty cycle of the output
signal on pin BOut. Refer to Figure 10. Another
condition for reset of the R-S flip-flop, OR-ed with
the one described before, is that the voltage on pin
BISense exceeds the voltage VC2, which depends
on the voltage applied on input BISense of the er-
ror amplifier O1. The two voltages are compared,
and the reset signal generated by the comparator
C2. The error amplifier amplifies (with a factor de-
fined by external components) the difference be-
tween the input voltage proportional to DC/DC
convertor output voltage and internal reference
VBReg. The internal reference and so the output
voltage is I2C bus adjustable by means of
BREF
I2C bus control.
Both step-up (DC/DC converter output voltage
higher than its input voltage) and step-down (out-
put voltage lower than input) are possible in this
configuration.
9.7.2 - Internal sawtooth configuration.
In internal sawtooth configuration, the voltage on
BISense pin is set higher than VThrBIsConf thresh-
old, switching the switches S1 and S2 to “int.” po-
sition. Internal sawtooth needed to generate the
horizontal parabola component on HVDyCor out-
put is used as reference for the comparison with
the regulated output voltage, and so for the timing
of the signal on BOut output. The R-S flip-flop is
set at the sawtooth discharge, which ends at the
beginning of a new sawtooth ramp. The high level
at the Q output of the R-S flip-flop only passes at
that moment thanks to invertor I1 and the NAND
gate. The Off-to-On edge at the output is thus syn-
chronized to the beginning of the HVDyCor output
horizontal parabola. This can be positioned to the
beginning or middle of the H-flyback pulse, see
paragraph Composite horizontal and vertical dy-
namic correction output HVDyCor on page 36.
Timing of the R-S flip-flop reset only depends on
the voltage VC1 from the error amplifier, which op-
erates in the same way like in external sawtooth
configuration, including reference voltage adjust-
ment. As no current limitation is carried out, only a
step-down operation is possible in this configura-
tion.
DC/DC controller Off-to-On edge timing
Config uration
BOutPh
(Sad07/D7)
BOHEdge
(Sad17/D3)
Timing of Off-to-O n transition on BOut
output
Internal sawtooth
don’t care
don’t care
Start of H-parab. on HVDyCor
External sawtooth
0
don’t care
Middle of H-flyback plus tBTrigDel
External sawtooth
1
0
Falling edge of H-drive signal
External sawtooth
1
1
Rising edge of H-drive signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com