Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9112 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 13Page - STMicroelectronics TDA9112 Datasheet HTML 14Page - STMicroelectronics TDA9112 Datasheet HTML 15Page - STMicroelectronics TDA9112 Datasheet HTML 16Page - STMicroelectronics TDA9112 Datasheet HTML 17Page - STMicroelectronics TDA9112 Datasheet HTML 18Page - STMicroelectronics TDA9112 Datasheet HTML 19Page - STMicroelectronics TDA9112 Datasheet HTML 20Page - STMicroelectronics TDA9112 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
TDA9112
17/51
6.8 - DC/DC CONTROLLER SECTION
VCC = 12V, Tamb =25°C
Note 41: A current sink is provided by the BComp output while BOut is disabled.
Note 42: Internal reference related to VRefO. The same values to be found on pin BRegIn, while regulation loop is
stabilized.
Note 43: External sawtooth configuration is assumed for V(BIsense)VThrBIsConf, internal sawtooth configuration for
V(BIsense)>VThrBIsConf.
Note 44: Only applies to configuration specified in ”Test conditions” column, i.e. synchronization of BOut “Off-to- On”
edge with horizontal flyback signal. Refer to chapter ”DC/DC controller” for more details.
Symbol
Parameter
Test Condit ions
Value
Units
Min.
Typ.
Max.
RB+FB
Ext. resistance applied between
BComp output and BRegIn input
5k
AOLG
Open loop gain of error amplifier on
BRegIn input
Low frequency(18)
100
dB
fUGBW
Unity gain bandwidth of error amplifier
on BRegIn input
(18)
6
MHz
IRI
Bias current delivered by regulation in-
put BRegIn
-0.2
µA
IBComp
Output current capability of BComp
output.
HBOutEn = ”Enable”
HBOutEn = ”Disable” (41)
-0.5
0.5
2.0
mA
mA
ABIsense
Voltage gain on BISense input
3
VThrBIsCurr
Threshold voltage on BISense input
corresponding to current limitation
1.98
2.1
2.22
V
IBIsense
Input current sourced by BISense input
-1
µA
tBOn
Conduction time of the power transistor
TH - tHVD-Hflat
IBOut
Output current capability of BOut out-
put
010
mA
VBOSat
Saturation voltage of the internal output
transistor on BOut
IBOut=10mA
0.25
0.4
V
VBReg
Regulation reference for BRegIn volt-
age(42)
VRefO=8V
BREF (Sad03):
x0000000b
x1000000b
x1111111b
3.65
4.65
5.65
3.85
4.9
5.9
4.05
5.15
6.15
V
V
V
VThrBIsConf
Threshold on pin BISense to define the
DC/DC controller configuration(43)
VRefO=8V
6
V
tBTrigDel /TH
Delay of BOut “Off-to-O n” edge after
middle of flyback pulse, as part of TH
(44)
V(BIsense)VThrBIsConf
BOutPh = ”0”
16
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com