Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 103 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 103 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 99Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 100Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 101Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 102Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 103Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 104Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 105Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 106Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
103/128
Figure 41.
Asynchronous Reset / Preset
Figure 42.
Asynchronous Clock mode Timing (product term clock)
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864
tCHA
tCLA
tCOA
tHA
tSA
CLOCK
INPUT
REGISTERED
OUTPUT
AI02859
Table 52.
CPLD macrocell asynchronous clock mode timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
PT
Aloc
Turbo
off
Slew
rate
Unit
Min
Max
Min
Max
Min
Max
fMAXA
Maximum
frequency
External
feedback
1/(tSA+tCOA)
38.4
26.32
21.27
MHz
Maximum
frequency
Internal
feedback
(fCNTA)
1/(tSA+tCOA–10)
62.5
35.71
27.78
MHz
Maximum
frequency
Pipelined data
1/(tCHA+tCLA)
71.4
41.67
35.71
MHz
tSA
Input setup
time
7
8
12
+ 2
+ 10
ns
tHA
Input hold
time
812
14
ns
tCHA
Clock input
high time
9
12
15
+ 10
ns
tCLA
Clock input
low time
9
12
15
+ 10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com