Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 106 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 106 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 102Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 103Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 104Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 105Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 106Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 107Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 108Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 109Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 128 page
background image
AC/DC parameters
PSD8XXFX
106/128
Doc ID 7833 Rev 7
Figure 44.
READ timing
1.
tAVLX and tLXAX are not required for 80C251 in Page mode or 80C51XA in Burst mode.
tAVLX
tLXAX
1
tLVLX
tAVQV
tSLQV
tRLQV
tRHQX
tRHQZ
tELTL
tEHEL
tRLRH
tTHEH
tAVPV
ADDRESS
VALID
ADDRESS
VALID
DATA
VALID
DATA
VALID
ADDRESS OUT
ALE /AS
A/D
MULTIPLEXED
BUS
ADDRESS
NON-MULTIPLEXED
BUS
DATA
NON-MULTIPLEXED
BUS
CSI
RD
(PSEN, DS)
E
R/W
AI02895
Table 56.
READ timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Turbo
off
Unit
Min Max Min Max Min
Max
tLVLX
ALE or AS pulse width
15
20
28
ns
tAVLX
Address setup time
(1)
4
6
10
ns
tLXAX
Address hold time
(1)
7
8
11
ns
tAVQV
Address valid to data valid
(1)
70
90
150
+ 10
ns
tSLQV
CS valid to data valid
75
100
150
ns
tRLQV
RD to data valid 8-bit bus
(2)
24
32
40
ns
RD or PSEN to data valid
8-bit bus, 8031, 80251
(3)
31
38
45
ns
tRHQX
RD data hold time
(4)
00
0
ns
tRLRH
RD pulse width
(4)
27
32
38
ns
tRHQZ
RD to data high-Z
(4)
20
25
30
ns
tEHEL
E pulse width
27
32
38
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com