Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 104 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 104 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 100Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 101Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 102Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 103Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 104Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 105Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 106Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 107Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
AC/DC parameters
PSD8XXFX
104/128
Doc ID 7833 Rev 7
tCOA
Clock to
output delay
21
30
37
+ 10
– 2
ns
tARDA
CPLD array
delay
Any macrocell
11
16
22
+ 2
ns
tMINA
Minimum
clock period
1/fCNTA
16
28
39
ns
Table 52.
CPLD macrocell asynchronous clock mode timing (5 V devices) (continued)
Symbol
Parameter
Conditions
-70
-90
-15
PT
Aloc
Turbo
off
Slew
rate
Unit
Min
Max
Min
Max
Min
Max
Table 53.
CPLD macrocell Asynchronous clock mode timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
off
Slew
rate
Unit
Min
Max
Min
Max
Min
Max
fMAXA
Maximum
frequency
External
feedback
1/(tSA+tCOA)
21.7
19.2
16.9
MHz
Maximum
frequency
Internal
feedback
(fCNTA)
1/(tSA+tCOA–10)
27.8
23.8
20.4
MHz
Maximum
frequency
Pipelined data
1/(tCHA+tCLA)
33.3
27
24.4
MHz
tSA
Input setup time
10
12
13
+ 4
+ 20
ns
tHA
Input hold time
12
15
17
ns
tCHA
Clock high time
17
22
25
+ 20
ns
tCLA
Clock low time
13
15
16
+ 20
ns
tCOA
Clock to output
delay
36
40
46
+ 20
– 6
ns
tARD
CPLD array
delay
Any macrocell
25
29
33
+ 4
ns
tMINA
Minimum clock
period
1/fCNTA
36
42
49
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com