Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-BF504 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 2Page - Analog Devices ADSP-BF504 Datasheet HTML 3Page - Analog Devices ADSP-BF504 Datasheet HTML 4Page - Analog Devices ADSP-BF504 Datasheet HTML 5Page - Analog Devices ADSP-BF504 Datasheet HTML 6Page - Analog Devices ADSP-BF504 Datasheet HTML 7Page - Analog Devices ADSP-BF504 Datasheet HTML 8Page - Analog Devices ADSP-BF504 Datasheet HTML 9Page - Analog Devices ADSP-BF504 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
Rev. PrC
|
Page 6 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
Booting
The processor contains a small on-chip boot kernel, which con-
figures the appropriate peripheral for booting. If the processor is
configured to boot from boot ROM memory space, the proces-
sor starts executing from the on-chip boot ROM. For more
information, see Booting Modes on Page 16.
Event Handling
The event controller on the processor handles all asynchronous
and synchronous events to the processor. The processor pro-
vides event handling that supports both nesting and
prioritization. Nesting allows multiple event service routines to
be active simultaneously. Prioritization ensures that servicing of
a higher-priority event takes precedence over servicing of a
lower-priority event. The controller provides support for five
different types of events:
• Emulation – An emulation event causes the processor to
enter emulation mode, allowing command and control of
the processor via the JTAG interface.
• Reset – This event resets the processor.
• Nonmaskable Interrupt (NMI) – The NMI event can be
generated either by the software watchdog timer, by the
NMI input signal to the processor, or by software. The
NMI event is frequently used as a power-down indicator to
initiate an orderly shutdown of the system.
• Exceptions – Events that occur synchronously to program
flow (in other words, the exception is taken before the
instruction is allowed to complete). Conditions such as
data alignment violations and undefined instructions cause
exceptions.
• Interrupts – Events that occur asynchronously to program
flow. They are caused by input signals, timers, and other
peripherals, as well as by an explicit software instruction.
Each event type has an associated register to hold the return
address and an associated return-from-event instruction. When
an event is triggered, an interrupt service routine (ISR) must
save the state of the processor to the supervisor stack.
The processor event controller consists of two stages: the core
event controller (CEC) and the system interrupt controller
(SIC). The core event controller works with the system interrupt
controller to prioritize and control all system events. Conceptu-
ally, interrupts from the peripherals enter into the SIC and are
then routed directly into the general-purpose interrupts of the
CEC.
Core Event Controller (CEC)
The CEC supports nine general-purpose interrupts (IVG15–7),
in addition to the dedicated interrupt and exception events. Of
these general-purpose interrupts, the two lowest-priority
interrupts (IVG15–14) are recommended to be reserved for
software interrupt handlers, leaving seven prioritized interrupt
inputs to support the peripherals of the processor. Table 2
describes the inputs to the CEC, identifies their names in the
event vector table (EVT), and lists their priorities.
System Interrupt Controller (SIC)
The system interrupt controller provides the mapping and rout-
ing of events from the many peripheral interrupt sources to the
prioritized general-purpose interrupt inputs of the CEC.
Although the processor provides a default mapping, the user
can alter the mappings and priorities of interrupt events by writ-
ing the appropriate values into the interrupt assignment
registers (SIC_IARx). Table 3 describes the inputs into the SIC
and the default mappings into the CEC.
Table 2. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0Emulation/Test Control
EMU
1
Reset
RST
2
Nonmaskable Interrupt
NMI
3Exception
EVX
4
Reserved
—
5
Hardware Error
IVHW
6
Core Timer
IVTMR
7
General-Purpose Interrupt 7
IVG7
8
General-Purpose Interrupt 8
IVG8
9
General-Purpose Interrupt 9
IVG9
10
General-Purpose Interrupt 10
IVG10
11
General-Purpose Interrupt 11
IVG11
12
General-Purpose Interrupt 12
IVG12
13
General-Purpose Interrupt 13
IVG13
14
General-Purpose Interrupt 14
IVG14
15
General-Purpose Interrupt 15
IVG15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com