Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADSP-BF504 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF504 Datasheet HTML 1Page - Analog Devices ADSP-BF504 Datasheet HTML 2Page - Analog Devices ADSP-BF504 Datasheet HTML 3Page - Analog Devices ADSP-BF504 Datasheet HTML 4Page - Analog Devices ADSP-BF504 Datasheet HTML 5Page - Analog Devices ADSP-BF504 Datasheet HTML 6Page - Analog Devices ADSP-BF504 Datasheet HTML 7Page - Analog Devices ADSP-BF504 Datasheet HTML 8Page - Analog Devices ADSP-BF504 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 3 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
GENERAL DESCRIPTION
The ADSP-BF50x processors are members of the Blackfin
® fam-
ily of products, incorporating the Analog Devices/Intel Micro
Signal Architecture (MSA). Blackfin processors combine a dual-
MAC state-of-the-art signal processing engine, the advantages
of a clean, orthogonal RISC-like microprocessor instruction set,
and single-instruction, multiple-data (SIMD) multimedia capa-
bilities into a single instruction-set architecture.
The ADSP-BF50x processors are completely code compatible
with other Blackfin processors. ADSP-BF50x processors offer
performance up to 400 MHz and reduced static power con-
sumption. Differences with respect to peripheral combinations
are shown in Table 1.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next-generation applications that require RISC-like program-
mability, multimedia support, and leading-edge signal
processing in one integrated package.
PORTABLE LOW-POWER ARCHITECTURE
Blackfin processors provide world-class power management
and performance. They are produced with a low-power and
low-voltage design methodology and feature on-chip dynamic
power management, which provides the ability to vary both the
voltage and frequency of operation to significantly lower overall
power consumption. This capability can result in a substantial
reduction in power consumption, compared with just varying
the frequency of operation. This allows longer battery life for
portable appliances.
SYSTEM INTEGRATION
The ADSP-BF50x processors are highly integrated system-on-a-
chip solutions for the next generation of embedded industrial,
instrumentation, and power/motion control applications. By
combining industry-standard interfaces with a high-perfor-
mance signal processing core, cost-effective applications can be
developed quickly, without the need for costly external compo-
nents. The system peripherals include a watchdog timer; two
32-bit up/down counters with rotary support; eight 32-bit tim-
ers/counters with PWM support; six pairs of three-phase 16-bit
center-based PWM units; two dual-channel, full-duplex syn-
chronous serial ports (SPORTs); two serial peripheral interface
(SPI) compatible ports; two UARTs with IrDA support; a paral-
lel peripheral interface (PPI); a removable storage interface
(RSI) controller; an internal ADC with 12 channels, 12 bits, up
to 2 MSPS, and ACM controller; a controller area network
(CAN) controller; a two-wire interface (TWI) controller; and an
internal 32M bit flash.
PROCESSOR PERIPHERALS
The ADSP-BF50x processors contain a rich set of peripherals
connected to the core via several high-bandwidth buses, provid-
ing flexibility in system configuration as well as excellent overall
system performance (see the block diagram on Page 1). These
Blackfin processors contain high-speed serial and parallel ports,
an interrupt controller for flexible management of interrupts
from the on-chip peripherals or external sources, and power
management control functions to tailor the performance and
power characteristics of the processor and system to many
application scenarios.
The SPORT, SPI, UART, PPI, and RSI peripherals are sup-
ported by a flexible DMA structure. There are also separate
memory DMA channels dedicated to data transfers between the
processor’s various memory spaces, including boot ROM and
internal 32M bit synchronous burst flash. Multiple on-chip
buses running at up to 100 MHz provide enough bandwidth to
keep the processor core running along with activity on all of the
on-chip and external peripherals.
The ADSP-BF50x processors include an interface to an off-chip
voltage regulator in support of the processor’s dynamic power
management capability.
Table 1. Processor Comparison
Feature
ADSP-
BF504
ADSP-
BF504F
ADSP-
BF506F
Up/Down/Rotary Counters
2
2
2
Timer/Counters with PWM
8
8
8
3-Phase PWM Units
2
2
2
SPORTs
2
2
2
SPIs
2
2
2
UARTs
2
2
2
Parallel Peripheral Interface
1
1
1
Removable Storage Interface
1
1
1
CAN
1
1
1
TWI
1
1
1
Internal 32M Bit Flash
–
1
1
ADC Control Module (ACM)
1
1
1
Internal ADC
–
–
1
GPIOs
35
35
35
L1 Instruction SRAM
16K
16K
16K
L1 Instruction SRAM/Cache
16K
16K
16K
L1 Data SRAM
16K
16K
16K
L1 Data SRAM/Cache
16K
16K
16K
L1 Scratchpad
4K
4K
4K
L3 Boot ROM
4K
4K
4K
Maximum Speed Grade1
1 Maximum speed grade is not available with every possible SCLK selection.
400 MHz
Maximum System Clock Speed
100 MHz
Package Options
88-Lead
LFCSP
88-Lead
LFCSP
120-Lead
LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com