Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
28
MC68331TS/D
NOTES:
1. Operands in parentheses are ignored by the CPU32 during read cycles.
2. Three-byte transfer cases occur only as a result of a long word to byte transfer.
3. The CPU32 does not support misaligned word or long-word transfers.
3.5 Chip Selects
Typical microcontrollers require additional hardware to provide external chip-select signals. Twelve in-
dependently programmable chip selects provide fast two-cycle access to external memory or peripher-
als. Address block sizes of 2 Kbytes to 1 Mbyte can be selected.
Chip-select assertion can be synchronized with bus control signals to provide output enable, read/write
strobes, or interrupt acknowledge signals. Logic can also generate DSACK signals internally. A single
DSACK generator is shared by all circuits. Multiple chip selects assigned to the same address and con-
trol must have the same number of wait states.
Chip selects can also be synchronized with the ECLK signal available on ADDR23.
When a memory access occurs, chip-select logic compares address space type, address, type of ac-
cess, transfer size, and interrupt priority (in the case of interrupt acknowledge) to parameters stored in
chip-select registers. If all parameters match, the appropriate chip-select signal is asserted. Select sig-
nals are active low. Refer to the following block diagram of a single chip-select circuit.
Table 11 Operand Alignment
Transfer Case
SIZ1
SIZ0
ADDR0
DSACK1
DSACK0
DATA
[15:8]
DATA
[7:0]
Byte to 8-Bit Port (Even/Odd)
0
1
X
1
0
OP0
(OP0)
Byte to 16-Bit Port (Even)
0
1
0
0
X
OP0
(OP0)
Byte to 16-Bit Port (Odd)
0
1
1
0
X
(OP0)
OP0
Word to 8-Bit Port (Aligned)
1
0
0
1
0
OP0
(OP1)
Word to 8-Bit Port (Misaligned)3
1
0
1
1
0
OP0
(OP0)
Word to 16-Bit Port (Aligned)
1
0
0
0
X
OP0
OP1
Word to 16-Bit Port (Misaligned)3
1
0
1
0
X
(OP0)
OP0
3 Byte to 8-Bit Port (Aligned)2
1
1
0
1
0
OP0
(OP1)
3 Byte to 8-Bit Port (Misaligned)2, 3
1
1
1
1
0
OP0
(OP0)
3 Byte to 16-Bit Port (Aligned)2
1
1
0
0
X
OP0
OP1
3 Byte to 16-Bit Port (Misaligned)2, 3
1
1
1
0
X
(OP0)
OP0
Long Word to 8-Bit Port (Aligned)
0
0
0
1
0
OP0
(OP1)
Long Word to 8-Bit Port (Misaligned)3
1
0
1
1
0
OP0
(OP0)
Long Word to 16-Bit Port (Aligned)
0
0
0
0
X
OP0
OP1
Long Word to 16-Bit Port (Misaligned)3
1
0
1
0
X
(OP0)
OP0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com