Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
MC68331TS/D
57
Figure 13 QSPI Block Diagram
5.4.1 QSPI Pins
Seven pins are associated with the QSPI. When not needed for a QSPI application, they can be con-
figured as general-purpose I/O pins. The PCS0/SS pin can function as a peripheral chip select output,
slave select input, or general-purpose I/O. Refer to the following table for QSPI input and output pins
and their functions.
QSPI BLOCK
CONTROL
REGISTERS
END QUEUE
POINTER
QUEUE
POINTER
STATUS
REGISTER
DELAY
COUNTER
COMPARATOR
PROGRAMMABLE
LOGIC ARRAY
80-BYTE
QSPI RAM
CHIP SELECT
COMMAND
DONE
4
4
2
BAUD RATE
GENERATOR
PCS[2:1]
PCS0/SS
MISO
MOSI
SCK
M
S
M
S
8/16-BIT SHIFT REGISTER
Rx/Tx DATA REGISTER
MSB
LSB
4
4
QUEUE CONTROL
BLOCK
CONTROL
LOGIC
A
D
D
R
E
S
S
R
E
G
I
S
T
E
R
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com