Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
30
MC68331TS/D
3.5.2 Pin Assignment Registers
The pin assignment registers (CSPAR0 and CSPAR1) contain pairs of bits that determine the function
of chip-select pins. The pin assignment encodings used in these registers are shown below.
CSPAR0 contains seven 2-bit fields that determine the functions of corresponding chip-select pins.
CSPAR0[15:14] are not used. These bits always read zero; writes have no effect. CSPAR0 bit 1 always
reads one; writes to CSPAR0 bit 1 have no effect.
CSPAR1 contains five 2-bit fields that determine the functions of corresponding chip-select pins.
CSPAR1[15:10] are not used. These bits always read zero; writes have no effect.
Table 12 Pin Assignment Encodings
Bit Field
Description
00
Discrete Output
01
Alternate Function
10
Chip Select (8-Bit Port)
11
Chip Select (16-Bit Port)
CSPAR0 —Chip Select Pin Assignment Register 0
$YFFA44
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
CSPA0[6]
CSPA0[5]
CSPA0[4]
CSPA0[3]
CSPA0[2]
CSPA0[1]
CSBOOT
RESET:
0
0
DATA2
1
DATA2
1
DATA2
1
DATA1
1
DATA1
1
DATA1
1
1
DATA0
Table 13 CSPAR0 Pin Assignments
CSPAR0 Field
Chip Select Signal
Alternate Signal
Discrete Output
CSPA0[6]
CS5
FC2
PC2
CSPA0[5]
CS4
FC1
PC1
CSPA0[4]
CS3
FC0
PC0
CSPA0[3]
CS2
BGACK
—
CSPA0[2]
CS1
BG
—
CSPA0[1]
CS0
BR
—
CSBOOT
CSBOOT
——
CSPAR1 —Chip Select Pin Assignment Register 1
$YFFA46
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
CSPA1[4]
CSPA1[3]
CSPA1[2]
CSPA1[1]
CSPA1[0]
RESET:
0
0
0
0
0
0
DATA7
1
DATA
[7:6]
1
DATA
[7:5]
1
DATA
[7:4]
1
DATA
[7:3]
1
Table 14 CSPAR1 Pin Assignments
CSPAR0 Field
Chip Select Signal
Alternate Signal
Discrete Output
CSPA1[4]
CS10
ADDR23
ECLK
CSPA1[3]
CS9
ADDR22
PC6
CSPA1[2]
CS8
ADDR21
PC5
CSPA1[1]
CS7
ADDR20
PC4
CSPA1[0]
CS6
ADDR19
PC3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com