Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
36
MC68331TS/D
The write to the port F data register is stored in the internal data latch, and if any port F pin is configured
as an output, the value stored for that bit is driven onto the pin. A read of the port F data register returns
the value at the pin only if the pin is configured as a discrete input. Otherwise, the value read is the value
stored in the register.
The port F data register is a single register that can be accessed in two locations. When accessed at
$YFFA19, the register is referred to as PORTF0; when accessed at $YFFA1B, the register is referred
to as PORTF1. The register can be read or written at any time. It is unaffected by reset.
The bits in this register control the direction of the pin drivers when the pins are configured for I/O. Any
bit in this register set to one configures the corresponding pin as an output. Any bit in this register
cleared to zero configures the corresponding pin as an input.
The bits in this register control the function of each port F pin. Any bit cleared to zero defines the corre-
sponding pin to be an I/O pin. Any bit set to one defines the corresponding pin to be an interrupt request
signal or MODCLK. The MODCLK signal has no function after reset.
Data bus pin 9 controls the state of this register following reset. If DATA9 is set to one during reset, the
register is set to $FF, which defines all port F pins as interrupt request inputs. If DATA9 is cleared to
zero during reset, this register is set to $00, defining all port F pins as I/O pins.
PORTF0, PORTF1 — Port F Data Register
$YFFA19, $YFFA1B
15
8
7
6
5
4
3
2
1
0
NOT USED
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
RESET:
U
U
U
U
U
U
U
U
DDRF — Port F Data Direction Register
$YFFA1D
15
8
7
6
5
4
3
2
1
0
NOT USED
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
RESET:
0
0
0
0
0
0
0
0
PFPAR — Port F Pin Assignment Register
$YFFA1F
15
8
7
6
5
4
3
2
1
0
NOT USED
PFPA7
PFPA6
PFPA5
PFPA4
PFPA3
PFPA2
PFPA1
PFPA0
RESET:
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
Table 17 Port F Pin Assignments
PFPAR Field
Port F Signal
Alternate Signal
PFPA7
PF7
IRQ7
PFPA6
PF6
IRQ6
PFPA5
PF5
IRQ5
PFPA4
PF4
IRQ4
PFPA3
PF3
IRQ3
PFPA2
PF2
IRQ2
PFPA1
PF1
IRQ1
PFPA0
PF0
MODCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com